| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SNC26041 Datasheet(PDF) 10 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SNC26041 Datasheet(HTML) 10 Page - SONiX Technology Company |
|
10 / 11 page ![]() SNC26041 One Channel Speech Controller Ver: 1.7 October 14, 2009 10 8.2 Motor application + Separate CPU power path with power path of large current application Battery Box Separate CPU GND with large current application GND IO1 8050 8050 IO2 IO3 IO4 There are some suggestions about PCB layout when user use SNC26000 series IC with motor applications. (1) The capacitor C1 (104) C2 (104)is strongly suggested to be as close to the chip as possible. (2) It had better let OSC components (R) get close to IC chip. (3) OSC components had better get far away large current applications. (4) Separate IC power path with large current application power path to avoid affect IC working by power drop from large current application. (5) R2 (10Ω Ω Ω Ω )separate VDDIO and CVDD. (6) Let power cable thicker, especially for large current application. (7) C3 and C4 (104) are connected at the positive point and negative point of the motor. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |