Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EUA4990 Datasheet(PDF) 4 Page - Eutech Microelectronics Inc

No. de pieza EUA4990
Descripción Electrónicos  1.36 Watt Audio Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EUTECH [Eutech Microelectronics Inc]
Página de inicio  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUA4990 Datasheet(HTML) 4 Page - Eutech Microelectronics Inc

  EUA4990 Datasheet HTML 1Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 2Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 3Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 4Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 5Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 6Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 7Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 8Page - Eutech Microelectronics Inc EUA4990 Datasheet HTML 9Page - Eutech Microelectronics Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EUA4990
DS4990 Ver 1.0 Mar. 2009
4
Ordering Information
Order Number
Package Type
Marking
Operating Temperature Range
EUA4990HIR1
WCSP
xxx
B0
-40 °C to +85°C
EUA4990
□ □ □ □
Lead Free Code
1: Lead Free 0: Lead
Packing
R: Tape & Reel
Operating temperature range
I: Industry Standard
Package Type
H: WCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com