Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RJK2017DPP Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza RJK2017DPP
Descripción Electrónicos  Silicon N Channel MOS FET High Speed Power Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK2017DPP Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK2017DPP Datasheet HTML 1Page - Renesas Technology Corp RJK2017DPP Datasheet HTML 2Page - Renesas Technology Corp RJK2017DPP Datasheet HTML 3Page - Renesas Technology Corp RJK2017DPP Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK2017DPP
REJ03G1797-0200 Rev.2.00 Aug 26, 2009
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
200
—
—
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
—
—
1
μA
VDS = 200 V, VGS = 0
Gate to source leak current
IGSS
—
—
±1
μA
VGS = ±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
2
—
4
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
—
0.036
0.047
Ω
ID = 22.5 A, VGS = 10 V
Note5
Input capacitance
Ciss
—
4800
—
pF
Output capacitance
Coss
—
290
—
pF
Reverse transfer capacitance
Crss
—
90
—
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
—
50
—
ns
Rise time
tr
—
40
—
ns
Turn-off delay time
td(off)
—
95
—
ns
Fall time
tf
—
40
—
ns
ID = 22.5 A
VGS = 10 V
RL = 4.5 Ω
Rg = 10
Ω
Total gate charge
Qg
—
66
—
nC
Gate to source charge
Qgs
—
26
—
nC
Gate to drain charge
Qgd
—
16
—
nC
VDD = 160 V
VGS = 10 V
ID = 45 A
Body-drain diode forward voltage
VDF
—
0.88
1.35
V
IF = 45 A, VGS = 0
Note5
Body-drain diode reverse recovery time
trr
—
150
—
ns
IF = 45 A, VGS = 0
diF/dt = 100 A/μs
Notes: 5. Pulse test



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com