Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

836D253 Datasheet(PDF) 2 Page - Integrated Technology Future

No. de pieza 836D253
Descripción Electrónicos  SAW Delay-Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITF [Integrated Technology Future]
Página de inicio  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

836D253 Datasheet(HTML) 2 Page - Integrated Technology Future

  836D253 Datasheet HTML 1Page - Integrated Technology Future 836D253 Datasheet HTML 2Page - Integrated Technology Future 836D253 Datasheet HTML 3Page - Integrated Technology Future 836D253 Datasheet HTML 4Page - Integrated Technology Future 836D253 Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAW Delay-Line 836D253
Part No.
836D253
3. Specifications
Fo = 836.5 MHz
Terminating source impedance
: 50
Ω and matching network
Terminating load impedance
: 50
Ω and matching network
Minimum
Typical
Maximum
Center Frequency
MHz
-
836.5
-
Insertion Loss
dB
-
30.0
35.0
3dB Bandwidth
MHz
40.0
48.0
-
30dB Bandwidth
MHz
-
93.5
-
Amplitude Ripple (Fo +/- 12.5 MHz)
dB
-
0.8
1.0
Group Delay Variation (Fo +/- 12.5 MHz)
nsec
-
50
200
Absolute Delay
usec
14.9
15.02
15.1
Ultimate Rejection
dB
-
35
-
Temperature Coefficient of Frequency
ppm/°C
-
-94
-
Notes :
1)
All specifications are based on the matching schematic shown below
2)
All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature
3)
All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-05-27
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
ND1005-CS02
2/5



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com