Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BD677 Datasheet(PDF) 2 Page - Comset Semiconductor

No. de pieza BD677
Descripción Electrónicos  SILICON DARLINGTON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COMSET [Comset Semiconductor]
Página de inicio  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD677 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD677 Datasheet HTML 1Page - Comset Semiconductor BD677 Datasheet HTML 2Page - Comset Semiconductor BD677 Datasheet HTML 3Page - Comset Semiconductor BD677 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
COMSET SEMICONDUCTORS
2
NPN BD675-BD677-BD679-BD681
PNP BD676-BD678-BD680-BD682
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
M
x
Unit
IE=0 ,
VCB= VCBOMAX=60 V
BD675
-
-
0,2
IE=0 ,
VCB= VCBOMAX=80 V
BD677
-
-
0,2
IE=0 ,
VCB= VCBOMAX=100 V
BD679
-
-
0,2
IE=0 ,
VCB= VCBOMAX=120 V
BD681
-
-
0,2
IE=0 ,
VCB=½VCBOMAX= 30V,Tj=
150°C
BD675
-
-
1
IE=0 ,
VCB=½VCBOMAX= 40V,Tj=
150°C
BD677
-
-
1
IE=0 ,
VCB=½VCBOMAX= 50V,Tj=
150°C
BD679
-
-
1
ICBO
Collector cut-off current
IE=0 ,
VCB=½VCBOMAX= 60V,Tj=
150°C
BD681
-
-
1
mA
IB=0 ,
VCE= ½VCEOMAX=30 V
BD675
-
-
0,2
IB=0 ,
VCE= ½VCEOMAX=40 V
BD677
-
-
0,2
IB=0 ,
VCE= ½VCEOMAX=50 V
BD679
-
-
0,2
ICEO
Collector cut-off current
IB=0 ,
VCE= ½VCEOMAX=60 V
BD681
-
-
0,2
mA
IEBO
Emitter cut-offcurrent
IC=0, -VEB=5 V
-
-
5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage
IC=1.5 A,-IB=6 Ma (BD675 ; IC=2 A )
-
-
2,5
V
VCE=3 V, IC=500 mA
-
2200
-
VCE=3 V, IC=1,5 A
750
-
-
hFE
DC Current Gain
VCE=3 V, IC=4 A
-
1500
-
VBE
Base-Emitter Voltage(1&2)
VCE=3 V, IC=1,5 A (BD675 ; IC=2 A )
-
-
2,5
V
hfe
Small signal current gain
VCE=3 V, IC=1,5 A, f= 1 MHz (BD675 ;
IC=2 A )
10
-
-
fhfe
Ut-off frequency
VCE=3 V, IC=1,5 A (BD675 ; IC=2 A )
-
60
-
kHz
VF
Diode forward voltage
IF=1,5 A (BD675 ; IF=2 A )
-
1,5
-
V
I(SB)
Second-breakdown
collector current
-VCE=50 V, tP= 20ms,non rep., without
heatsink
0,8
-
-
A
ton
Turn-on time
-
0,3
1.5
toff
Turn-off time
-Icon= 1,5A, -Ibon= Iboff= 6mA,
-
1,5
5
µs
1.
Measured under pulse conditions :tP <300µs, δ <2%.
2.
VBE decreases by about 3,6 mV/K with increasing temperature.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com