| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
182T2 Datasheet(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
182T2 Datasheet(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() COMSET SEMICONDUCTORS 1/4 BDY23, 180 T2 BDY24, 181 T2 BDY25, 182 T2 ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit BDY23, 180T2 60 BDY24, 181T2 90 VCEO Collector-Emitter Voltage BDY25, 182T2 140 V BDY23, 180T2 60 BDY24, 181T2 100 VCBO Collector-Base Voltage BDY25, 182T2 200 V VEBO Emitter-Base Voltage BDY23, 180T2 BDY24, 181T2 BDY25, 182T2 10 V IC Collector Current BDY23, 180T2 BDY24, 181T2 BDY25, 182T2 6 A IB Base Current BDY23, 180T2 BDY24, 181T2 BDY25, 181T2 3 A PTOT Power Dissipation @ TC = 25° BDY23, 180T2 BDY24, 181T2 BDY25, 182T2 87.5 Watts TJ Junction Temperature TStg Storage Temperature BDY23, 180T2 BDY24, 181T2 BDY25, 182T2 200 -65 to +200 °C LF Large Signal Power Amplification High Current Fast Switching NPN SILICON TRANSISTORS, DIFFUSED MESA |
Número de pieza similar - 182T2 |
|
Descripción similar - 182T2 |