| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPPW8 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
SPPW8 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD. |
|
2 / 4 page ![]() Power 37 Detector Push Slide Rotary Encoders Dual-in-line Package Type TACT SwitchTM Custom- Products One-way Operation Type SPPW8 Series 2-ø1 holes ø1.6 hole 1.5 1.5 1.1 1.1 ø1.6 hole 2-ø1 holes ø1.6 hole 1.5 1.5 1.1 1.1 ø1.6 hole 1. Products without location lug are also available. 2. Contact us for other slider height variations. 3. □mark shows a cutting terminal. 4. Contact us for other terminal types. Notes Unit:mm Dimensions Terminal Layout(Viewed from Direction A) Circuit Diagram Terminal No. 1 2 3 4 5 6 Style PC board mounting hole dimensions (Viewed from direction A) No. 1 Reflow Reflow 2 Dip 3 4 Dip Dip Reflow Dip Reflow 123 4 5 6 123 4 5 6 Terminal No. 1 2 3 4 5 6 Detector Switch Above dimensions indicate "with locating lug" versions. Note 5 1.5 1.5 5-0.6 Terminal No.1 h 0.6 0.25 4 4.3 h2 h1 ON starting position Total travel position Location lug A Terminal No.1 5 1.5 5-0.6 4 4.3 h 0.6 2.5 1.5 ON starting position Total travel position Location lug h2 h1 A 0.6 Location lug Total travel position ON starting position 8.6 9.8 0.25 10.3 4 5 1.5 1.5 5-0.6 Terminal No.1 6 A 0.6 Location lug Total travel position ON starting position 8.6 9.8 2.5 10.3 4 6 5 1.5 5-0.6 1.5 Terminal No.1 A |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |