| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC5705BECLLR Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5705BECLLR Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc |
|
47 / 92 page ![]() Electrical characteristics MPC5607B Microcontroller Data Sheet, Rev. 3 Preliminary—Subject to Change Without Notice Freescale Semiconductor 47 Figure 14. Slow external crystal oscillator (32 kHz) electrical characteristics Table 33. Slow external crystal oscillator (32 kHz) electrical characteristics Symbol C Parameter Conditions1 1 V DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified Value2 2 All values need to be confirmed during device validation. Unit Min Typ Max fSXOSC SR — Slow external crystal oscillator frequency — 32 32.768 40 kHz gmSXOSC CC — Slow external crystal oscillator transconductance VDD = 3.3 V ± 10%, PAD3V5V = 1 TBD mA/V VDD = 5.0 V ± 10% PAD3V5V = 0 TBD VDD = 3.3 V ± 10%, PAD3V5V = 1 TBD VDD = 5.0 V ± 10%, PAD3V5V = 0 TBD VSXOSC CC T Oscillation amplitude — — 2.1 — V ISXOSCBIAS CC T Oscillation bias current — TBD µA ISXOSC CC T Slow external crystal oscillator consumption —— — 8 µA TSXOSCSU CC T Slow external crystal oscillator start-up time —— — 23 3 Start-up time has been measured with EPSON TOYOCOM MC306 crystal. Variation may be seen with other crystal s OSCON bit (OSC_CTL register) TLPXOSC32KSU 1 VOSC32K_XTAL VLPXOSC32K valid internal clock 90% 10% 1/fLPXOSC32K 0 |