Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5705CECLLR Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

No. de pieza MPC5705CECLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5705CECLLR Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC5705CECLLR Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5705CECLLR Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
General description
Freescale Semiconductor
4
1.1
Block diagram
Figure 1 shows a top-level block diagram of the MPC5607B.
I2C1
32 kHz oscillator
Yes
GPIO11
77
121
149
121
149
149
Debug
JTAG
N2+
1 Feature set dependent on selected peripheral multiplexing; table shows example.
2 208 MAPBGA package is for debug use only.
3 Based on 105
°C ambient operating temperature.
4 Not shared with 12-bit ADC, but possibly shared with other alternate functions.
5 Not shared with 10-bit ADC, but possibly shared with other alternate functions.
6 Refer to eMIOS section of device reference manual for information on the channel configuration and functions.
7 Each channel supports a range of modes including Modulus counters, PWM generation, Input Capture, Output
Compare.
8 Each channel supports a range of modes including PWM generation with dead time, Input Capture, Output
Compare.
9 Each channel supports a range of modes including PWM generation, Input Capture, Output Compare, Period and
Pulse width measurement.
10 Each channel supports a range of modes including PWM generation, Input Capture, and Output Compare.
11 Maximum I/O count based on multiplexing with peripherals.
Table 1. MPC5607B Family Comparison1 (continued)
Feature
MPC5605B
MPC5606B
MPC5607B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92