Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LL4448 Datasheet(PDF) 1 Page - RFE international

No. de pieza LL4448
Descripción Electrónicos  SURFACE MOUNT: Switching Diodes MELF & SOT-23
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RFE [RFE international]
Página de inicio  http://www.rfeinc.com
Logo RFE - RFE international

LL4448 Datasheet(HTML) 1 Page - RFE international

  LL4448 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT: Switching Diodes
MELF & SOT-23
SURFACE MOUNT SWITCHING DIODE
Operating Temperature: -65°C to 150°C
RFE
Cross-
Power
Peak
Max.Average
Forward
Maximum
Max. Reverse Package
Outline
Part Number
Reference Dissipation Voltage Rect. Current
Voltage
Rev. Current
Recovery Time
(Dimensions in mm)
@Rated PIV
Pd(mW)
VZM(V)
IO(mA)
VF(V)@IF(mA) IR(nA)@VR(V)
TRR(nS)
Reel
LL4148
DL4148
500mW
100
150
1.0@10
25@20
4
2500
LL4448
DL4448
500mW
100
150
1.0@100
25@20
4
2500
Min. Repetitive
Rev. Voltate
Max.
Forward
Current
Max. Contiuous
Reverse Current
Max. Forward
Voltage
Max.
Capacitance
Reverse
Recovery
Time
Package
Vrrm(V)
IF(mA)
Ir(nA)@Vr(V)
VF(V)@IF(mA)
C(pF)
Trr(nS)
Reel
BAS21
JS
200
100@200
1.00@100
50.0
1
MMBD1401
29
200
100@200
1.00@200
50.0
1
MMBD1402
31
200
100@200
1.00@200
50.0
2
MMBD1403
32
200
100@200
1.00@200
50.0
3
MMBD1404
33
200
100@200
1.00@200
50.0
4
MMBD1405
34
200
100@200
1.00@200
50.0
5
MMBD1501A
11A
200
1.00@200
1
MMBD1503A
13A
200
1.00@200
3
BAS20
A81
150
100@150
1.00@100
50.0
1
BAS19
A81
120
100@120
1.00@100
50.0
1
BAS29
L20
120
100@120
0.84@50
50.0
1
BAS31
L21
120
100@120
0.84@50
50.0
3
BAS35
L22
120
100@120
0.84@50
50.0
5
MMBD7000
100
200
500@100
0.75@100
1.5
4.0
3
MMBD914
MMBD4148
5D
100
5000@75
1.00@10
4.0
4.0
1
MMBD914B
MMBD4448
100
5000@75
1.00@100
4.0
4.0
1
MMBD1201
24
100
25@100
1.00@200
4.0
1
MMBD1202
25
100
25@100
1.00@200
4.0
2
MMBD1203
26
100
25@100
1.00@200
4.0
3
MMBD1204
27
100
25@100
1.00@200
4.0
4
MMBD1205
28
100
25@100
1.00@200
4.0
5
MMBD4148
MMBD914
5H
100
5000@75
1.00@10
4.0
4.0
1
MMBD4448
MMBD914B
100
5000@75
1.00@100
4.0
4.0
1
MMBD2836
A6
75
100
100@50
1.00@50
4.0
15.0
5
5
BAS16
A6
75
250
1000@75
1.00@50
2.0
6.0
MMBD6050
70
200
100@50
1.10@100
2.5
4.0
1
BAV70
A4
70
250
5000@70
1.00@50
1.5
6.0
4
BAV99
A7
70
250
2500@70
1.00@50
1.5
6.0
3
BAW56
A1
70
250
2500@70
1.00@50
2.0
6.0
5
BAV74
JA
50
100@50
1.00@100
0.7
4
MMBD2835
35
100
100@50
1.00@50
4.0
15.0
5
MMBD1701
85
30
50@30
1.10@50
0.7
1
MMBD1702
86
30
50@30
1.10@50
0.7
2
MMBD1703
87
30
50@30
1.10@50
0.7
3
MMBD1704
88
30
50@30
1.10@50
0.7
4
MMBD1705
89
30
50@30
1.10@50
0.7
5
BA779
30
50
50@30
1.00@20
0.5
1
BA779S
30
50
50@30
1.00@20
0.5
1
BA779-2
30
50
50@16
1.00@20
0.5
3
BB804
20
50
20@16
47.5
4
BB814
20
50
20@16
46.5
4
BB824
20
50
20@16
45.0
4
3000
Diagram
Marking
Cross Reference
Part Number
1.04
0.102
0.51
0.95 Typ
0.61
1.9 Typ
3.04
0.60
0.10 Typ
1.57
2.4 Typ
(1)
(3)
(4)
(2)
(5)
SURFACE MOUNT SWITCHING DIODE
SURFACE MOUNT SWITCHING DIODE(SOT-23 Package)
Operating Temperature: -65°C to 150°C
Operating Temperature: -65°C to 150°C
SOT-23 Package
0.40
2.40
±0.1
5±0.2
C3B01
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Número de pieza similar - LL4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LL4448 VISHAY-LL4448 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Zowie Technology Corpor...
LL4448 ZOWIE-LL4448 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4448 SEMTECH-LL4448 Datasheet
261Kb / 4P
Silicon Expitaxial Planar Diode?
logo
Shanghai Lunsure Electr...
LL4448 CHENYI-LL4448 Datasheet
170Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Diodes Incorporated
LL4448 DIODES-LL4448 Datasheet
57Kb / 2P
FAST SWITCHING SURFACE MOUNT DIODE
DS12013 Rev. F-2
More results

Descripción similar - LL4448

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
ZMM52 JGD-ZMM52 Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
ZMM55C JGD-ZMM55C Datasheet
169Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI - MELF
logo
Microsemi Corporation
LSX101 MICROSEMI-LSX101 Datasheet
152Kb / 3P
SURFACE MOUNT SOT-23 General Purpose Schottky Diodes
LXZ1000 MICROSEMI-LXZ1000 Datasheet
134Kb / 2P
SURFACE MOUNT SOT-23 Zero Bias (ZBD) Schottky Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
1W , MELF Surface Mount Zener Diodes
logo
Tiger Electronic Co.,Lt...
BAV70LT1 TGS-BAV70LT1 Datasheet
369Kb / 2P
SOT-23 Plastic-Encapsulate Diodes (SWITCHING DIODE)
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
logo
Guangdong Youtai Semico...
1SS193 UMW-1SS193 Datasheet
399Kb / 3P
Switching Diodes SOT-23 Plastic-Encapsulate Diodes
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com