Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BDE0100G Datasheet(PDF) 7 Page - Rohm

No. de pieza BDE0100G
Descripción Electrónicos  Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BDE0100G Datasheet(HTML) 7 Page - Rohm

  BDE0100G Datasheet HTML 1Page - Rohm BDE0100G Datasheet HTML 2Page - Rohm BDE0100G Datasheet HTML 3Page - Rohm BDE0100G Datasheet HTML 4Page - Rohm BDE0100G Datasheet HTML 5Page - Rohm BDE0100G Datasheet HTML 6Page - Rohm BDE0100G Datasheet HTML 7Page - Rohm BDE0100G Datasheet HTML 8Page - Rohm BDE0100G Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BDE□□□0G Series
Technical Note
7/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
●
Notes for use
1) Absolute Maximum Ratings
An excess in the absolute maximum ratings, such as supply voltage, temperature range of operating conditions, etc., can
break down devices, thus making impossible to identify breaking mode such as a short circuit or an open circuit. If any
special mode exceeding the absolute maximum ratings is assumed, consideration should be given to take physical safety
measures including the use of fuses, etc.
2) GND voltage
Make setting of the potential of the GND terminal so that it will be maintained at the minimum in any operating state.
3) Pin short and mistake fitting
When mounting the IC on the PCB, pay attention to the orientation of the IC. If there is a placement mistake, the IC may be
burned up.
4) Operation in strong electric field
Be noted that using ICs in the strong electric field can malfunction them.
5) Mutual impedance
Use short and wide wiring tracks for the power supply and ground to keep the mutual impedance as small as possible.
Use a capacitor to keep ripple to a minimum.



Html Pages

1 2 3 4 5 6 7 8 9