Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

NX2154A Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza NX2154A
Descripción Electrónicos  300kHz SYNCHRONOUS PWM CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

NX2154A Datasheet(HTML) 2 Page - Microsemi Corporation

  NX2154A Datasheet HTML 1Page - Microsemi Corporation NX2154A Datasheet HTML 2Page - Microsemi Corporation NX2154A Datasheet HTML 3Page - Microsemi Corporation NX2154A Datasheet HTML 4Page - Microsemi Corporation NX2154A Datasheet HTML 5Page - Microsemi Corporation NX2154A Datasheet HTML 6Page - Microsemi Corporation NX2154A Datasheet HTML 7Page - Microsemi Corporation NX2154A Datasheet HTML 8Page - Microsemi Corporation NX2154A Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NX2154/2154A
2
Rev.1.2
02/26/07
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over Vcc = 5V, and T
A = 0 to 70
oC. Typical values refer to T
A
= 25oC. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
ABSOLUTE MAXIMUM RATINGS(NOTE1)
Vcc to GND & BST to SW voltage ................... 6.5V
BST to GND Voltage ...................................... 50V
Storage Temperature Range ............................. -65oC to 150oC
Operating Junction Temperature Range ............. -40oC to 125oC
NOTE1: Stresses above those listed in "ABSOLUTE MAXIMUM RATINGS", may cause permanent
damage to the device. This is a stress only rating and operation of the device at these or any other
conditions above those indicated in the operational sections of this specification is not implied.
PACKAGE INFORMATION
8-PIN PLASTIC SOIC (S)
4
3
2
1
5
6
7
8
BST
LDrv
Gnd
HDrv
Vcc
Fb
Comp
SW
o
JA
130 CW
θ ≈/
PARAMETER
SYM
Test Condition
Min
TYP
MAX
Units
Reference Voltage
Ref Voltage
VREF
4.5V<Vcc<5.5V
0.8
V
Ref Voltage line regulation
0.4
%
Supply Voltage(Vcc)
VCC Voltage Range
VCC
4.5
5
5.5
V
VCC Supply Current (Static)
ICC (Static) Outputs not switching
3
mA
VCC Supply Current
(Dynamic)
ICC
(Dynamic)
CLOAD=3300pF FS=300kHz
5
mA
Supply Voltage(VBST)
VBST Supply Current (Static)
IBST (Static) Outputs not switching
0.15
mA
VBST Supply Current
(Dynamic)
IBST
(Dynamic)
CLOAD=3300pF
FS=300kHz
5
mA
Under Voltage Lockout
VCC-Threshold
VCC_UVLO VCC Rising
4.2
V
VCC-Hysteresis
VCC_Hyst
VCC Falling
0.22
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com