Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1502GW Datasheet(PDF) 1 Page - Won-Top Electronics

No. de pieza KBPC1502GW
Descripción Electrónicos  15,25,35A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WTE [Won-Top Electronics]
Página de inicio  http://www.wontop.com
Logo WTE - Won-Top Electronics

KBPC1502GW Datasheet(HTML) 1 Page - Won-Top Electronics

  KBPC1502GW Datasheet HTML 1Page - Won-Top Electronics KBPC1502GW Datasheet HTML 2Page - Won-Top Electronics KBPC1502GW Datasheet HTML 3Page - Won-Top Electronics KBPC1502GW Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KBPC15, 25, 35G/W SERIES
1 of 4
© 2002 Won-Top Electronics
KBPC15, 25, 35G/W SERIES
15, 25, 35A GLASS PASSIVATED BRIDGE RECTIFIER
Features
!
Glass Passivated Die Construction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
H
H
Mechanical Data
E
E
!
Case: Epoxy Case with Heat Sink Internally
B
B
Mounted in the Bridge Encapsulation
Metal Heat Sink
!
Terminals: Plated Leads Solderable per
KBPC-G
KBPC-GW
MIL-STD-202, Method 208
!
Polarity: Symbols Marked on Case
!
Mounting: Through Hole for #10 Screw
!
Weight:
KBPC-G
24 grams (approx.)
KBPC-GW
21 grams (approx.)
!
Marking: Type Number
"W”
Suffix Designates Wire Leads
No Suffix Designates Faston Terminals
*All Models are Available on B(Height)=7.9mm Max. Epoxy Case
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
-00G/W -01G/W -02G/W -04G/W -06G/W -08G/W -10G/W Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Output Current
@TC = 55°C
KBPC15
KBPC25
KBPC35
IO
15
25
35
A
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Method)
KBPC15
KBPC25
KBPC35
IFSM
300
300
400
A
Forward Voltage Drop
(per element)
KBPC15 @IF = 7.5A
KBPC25 @IF = 12.5A
KBPC35 @IF = 17.5A
VFM
1.1
V
Peark Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
5.0
500
µA
I2t Rating for Fusing (t < 8.3ms)
(Note 1)
KBPC15
KBPC25
KBPC35
I2t
375
375
660
A2s
WT E
PO W E R SEM IC O ND UC TO R S
KBPC-G
KBPC-GW
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
10.97
11.23
10.97
11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.86
25.40
30.50
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm


Número de pieza similar - KBPC1502GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
KBPC1502G JGD-KBPC1502G Datasheet
157Kb / 2P
HIGH CURRENT 15,25,35 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Won-Top Electronics
KBPC1502GS WTE-KBPC1502GS Datasheet
49Kb / 3P
15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
More results

Descripción similar - KBPC1502GW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
GBPC15S WTE-GBPC15S Datasheet
49Kb / 3P
15,25,35A IN-LINE BRIDGE RECTIFIER
KBPC15 WTE-KBPC15 Datasheet
52Kb / 4P
15,25,35A HIGH CURRENT BRIDGE RECTIFIER
KBPC15GS WTE-KBPC15GS Datasheet
49Kb / 3P
15,25,35A GLASS PASSIVATED IN-LINE BRIDGE RECTIFIER
logo
Pan Jit International I...
GBPC3500 PANJIT-GBPC3500_04 Datasheet
66Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
GBJ10005 CHONGQING-GBJ10005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
GBJ15005 CHONGQING-GBJ15005 Datasheet
43Kb / 1P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU402H ZOWIE-GBU402H Datasheet
72Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
GBU1002 ZOWIE-GBU1002 Datasheet
74Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP2005 SKTECHNOLGY-KBP2005 Datasheet
635Kb / 3P
Glass Passivated Bridge Rectifier
logo
Pan Jit International I...
DXK410 PANJIT-DXK410 Datasheet
218Kb / 5P
Glass Passivated Bridge Rectifier
REV.01 June 21,2022
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com