Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HFP7N60 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

No. de pieza HFP7N60
Descripción Electrónicos  600V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMIHOW [SemiHow Co.,Ltd.]
Página de inicio  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP7N60 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP7N60 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP7N60 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,Dec 2005
2
1
3
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 30 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 0.96 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFP7N60
600V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
600
V
I
D
Drain Current
– Continuous (T
C = 25℃)
7.0
A
Drain Current
– Continuous (T
C = 100℃)
4.4
A
I
DM
Drain Current
– Pulsed
(Note 1)
28
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
420
mJ
I
AR
Avalanche Current
(Note 1)
7.0
A
E
AR
Repetitive Avalanche Energy
(Note 1)
14.7
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
147
W
5.5
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Dec 2005
* Drain current limited by maximum junction temperature
BV
DSS = 600 V
R
DS(on) typ = 0.96 Ω
I
D = 7.0 A
TO-220
1.Gate 2. Drain 3. Source
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
0.85
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5


Número de pieza similar - HFP7N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHANTOU HUASHAN ELECTRO...
HFP7N60 HUASHAN-HFP7N60 Datasheet
658Kb / 7P
N-Channel Enhancement Mode Field Effect Transistor
More results

Descripción similar - HFP7N60

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
600V N-Channel MOSFET
FQB12N60 FAIRCHILD-FQB12N60 Datasheet
540Kb / 9P
600V N-Channel MOSFET
FQB1N60 FAIRCHILD-FQB1N60 Datasheet
545Kb / 9P
600V N-Channel MOSFET
FQD3N60 FAIRCHILD-FQD3N60 Datasheet
575Kb / 9P
600V N-Channel MOSFET
FQP12N60 FAIRCHILD-FQP12N60 Datasheet
532Kb / 8P
600V N-Channel MOSFET
FQP6N60 FAIRCHILD-FQP6N60 Datasheet
536Kb / 8P
600V N-Channel MOSFET
FQP7N60 FAIRCHILD-FQP7N60 Datasheet
581Kb / 8P
600V N-Channel MOSFET
FQPF12N60 FAIRCHILD-FQPF12N60 Datasheet
549Kb / 8P
600V N-Channel MOSFET
FQPF3N60 FAIRCHILD-FQPF3N60 Datasheet
557Kb / 8P
600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com