Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPRND4100RA2C2 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

No. de pieza UPRND4100RA2C2
Descripción Electrónicos  UPRND Network Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRND4100RA2C2 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  UPRND4100RA2C2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRND4100RA2C2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02 of 04
Dimensions & Technical Characteristics
Precision Resistor Network (UPRND) Dimensions
Examples for Construction
○ There are no standard nominal resistance for UPRNS/UPRND Series.
○ Customer can designate or specify the number of component elements of Network Resistor according with this
specification of UPRNS/UPRND Series to meet your own needs.
○ It can be required to Token’s representatives if customer’s requirement beyonds the range of Token’s
specifications.
Precision Resistor Network (UPRND) Examples for Construction
C
D
B
E
F
A
UPRND A(mm)±0.5
5.08
11.8
30.3
Number of Resistors #
2
4
11
Dimensions(mm)
A
5.08±0.5 ~ 30.3±0.5
B
9.0±0.5
C
0.6±0.05
D
2.54±0.05
E
11.5±0.5
F
3.0±0.5
Rated Wattage of one element unit at 70°C (W) 0.1
Maximum Working Voltage (V)
200
Nominal Resistance Range of component
element unit (Ω)
10 ~ 1M
Absolute Tolerance (%)
A2(±0.02), A5(±0.05), B(±0.1), C(±0.25), D(±0.5), F(±1.0)
Relative Tolerance (%)
T(±0.01), A2(±0.02), A5(±0.05), B(±0.1)
Absolute Temperature Coefficient (ppm/°C)
C7(±5), C6(±10), C5(±15), C3(±25), C2(±50)
Relative Temperature Coefficient (ppm/°C)
C10(±2), C9(±3), C7(±5), C6(±10), C5(±15)
Working Temperature (°C)
-10 ~ +70
Remark : 1. Absolute value means all factors (Tolerance and Temperature Coefficient) of component element units of
Network Resistor are independent.
2. Relative value means the maximum difference factor among component element units of Network Resistor.
Version 2010
UPRND Network Precision Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com