Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPRNS71MBC9 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

No. de pieza UPRNS71MBC9
Descripción Electrónicos  UPRNS Network Precision Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOKEN [Token Electronics Industry Co., Ltd.]
Página de inicio  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

UPRNS71MBC9 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  UPRNS71MBC9 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. UPRNS71MBC9 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. UPRNS71MBC9 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. UPRNS71MBC9 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Preview
Precision Resistor Network technology outperforms all other resistor technologies available today for
applications that require high precision and high stability. This technology has been pioneered and developed by
Token, and products based on this technology are the most suitable for a wide range of applications.
This technology with any value available within resistance range allows customer orientated products, designed
to satisfy challenging and specific technical requirements.
Precision Network Resistors UPRNS Series meets Lead (Pb)-free and RoHS compliant.
Providing design engineers with an economical power resistor with high quality performance, Token Electronics
offers low cost industrial grade resistor networks, Serial UPRNS and Parellel UPRND Series.
Token’s UPRNS/UPRND Series are assembled by EE/RE 1/10 series to form a stable, high precision resistor
networks. Characteristic of UPRNS Series meet extreme low temperature coefficient.
Serial UPRNS equate to IRC, EBG Precision Devices with fast delivery and more competitive price. For non-
standard technical requirements and special applications, please contact us.
UPRNS Network Precision Resistors
High Accuracy Networks Save on Resistors (UPRNS)
Network
Precision Resistor
Features :
- Lead (Pb)-free and RoHS compliant.
- Precision tolerance tight to A2(±0.02%).
- Any value available within resistance range.
- UPRNS: Serial dip type; UPRND: Parellel dip type.
- Metal film precision networks, excellent stability and reliability.
- Superior TCR narrowed to Absolute C7(±5 ppm/°C), Relative C10(±2 ppm/°C).
Applications :
- Industrial, Military, Airborne.
- Electron Beam Applications (EB) Scanning,
- Recording Equipment, Electron Microscopes.
- Medical , Test And Measurement Equipment,
- Precision Divider, Bypass, High Precision
Instrumentation,
- Audio (High End Stereo Equipment), Precision
Amplifiers.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Número de pieza similar - UPRNS71MBC9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
High Precision Network Voltage Divider
UPRNS13100RA2C3 TOKEN-UPRNS13100RA2C3 Datasheet
468Kb / 6P
High Precision Network Voltage Divider
UPRNS13100RA2C5 TOKEN-UPRNS13100RA2C5 Datasheet
468Kb / 6P
High Precision Network Voltage Divider
UPRNS13100RA2C6 TOKEN-UPRNS13100RA2C6 Datasheet
468Kb / 6P
High Precision Network Voltage Divider
UPRNS13100RA2C7 TOKEN-UPRNS13100RA2C7 Datasheet
468Kb / 6P
High Precision Network Voltage Divider
More results

Descripción similar - UPRNS71MBC9

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
RN series, RA series, ultra-precision chip network resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
NETWORK RESISTORS RA Series: SIP Network
logo
Token Electronics Indus...
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
UPRND Network Precision Resistors
UPRA2C3P TOKEN-UPRA2C3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
UPSC Extra Precision Network Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
RQL50 NETWORK RESISTORS
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
Network Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com