Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC258N Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 74HC258N
Descripción Electrónicos  Quad 2-input multiplexer; 3-state; inverting
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC258N Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC258N Datasheet HTML 1Page - NXP Semiconductors 74HC258N Datasheet HTML 2Page - NXP Semiconductors 74HC258N Datasheet HTML 3Page - NXP Semiconductors 74HC258N Datasheet HTML 4Page - NXP Semiconductors 74HC258N Datasheet HTML 5Page - NXP Semiconductors 74HC258N Datasheet HTML 6Page - NXP Semiconductors 74HC258N Datasheet HTML 7Page - NXP Semiconductors 74HC258N Datasheet HTML 8Page - NXP Semiconductors 74HC258N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74HC258_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 April 2008
3 of 14
NXP Semiconductors
74HC258
Quad 2-input multiplexer; 3-state; inverting
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 5.
Pin configuration
258
SVCC
1I0
OE
1I1
4I0
1Y
4I1
2I0
4Y
2I1
3I0
2Y
3I1
GND
3Y
001aab904
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Table 2.
Pin description
Symbol
Pin
Description
S
1
common data select input
1I0
2
data input 1 from source 0
1I1
3
data input 1 from source 1
1Y
4
3-state multiplexer output 1; inverted
2I0
5
data input 2 from source 0
2I1
6
data input 2 from source 1
2Y
7
3-state multiplexer output 2; inverted
GND
8
ground (0 V)
3Y
9
3-state multiplexer output 3; inverted
3I1
10
data input 3 from source 1
3I0
11
data input 3 from source 0
4Y
12
3-state multiplexer output 4; inverted
4I1
13
data input 4 from source 1
4I0
14
data input 4 from source 0
OE
15
output enable input (active LOW)
VCC
16
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com