| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC10F222E/P Datasheet(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F222E/P Datasheet(HTML) 24 Page - Microchip Technology |
|
24 / 86 page ![]() PIC10F220/222 DS41270E-page 22 © 2007 Microchip Technology Inc. FIGURE 5-2: BLOCK DIAGRAM OF GP0 AND GP1 FIGURE 5-3: BLOCK DIAGRAM OF GP2 FIGURE 5-4: BLOCK DIAGRAM OF GP3 Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. D CK Q Mis-Match GPPU ADC I/O Pin(1) Analog Enable Data Bus Q D Q CK Q D Q CK WR Port TRIS ‘f’ Data TRIS RD Port W Reg Latch Latch Reset Note 1: I/O pins have protection diodes to VDD and VSS. T0CKI I/O Pin(1) T0CS FOSC4 OSCCAL<0> Data Bus RD Port Note 1: GP3/MCLR pin has a protection diode to VSS only. GPPU D CK Q Mis-match MCLRE Reset I/O Pin(1) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |