Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515848 Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

No. de pieza SC515848
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515848 Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button SC515848 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 61Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 62Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 63Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 64Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 65Page - Freescale Semiconductor, Inc SC515848 Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
62
Freescale Semiconductor
PH6
KWH6
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
PH5
KWH5
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
PH4
KWH4
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt
PH3
KWH3
SS1
—
—
VDDR
PERH/
PPSH
Disabled
Port H I/O, Interrupt,
SS of SPI1
PH2
KWH2
SCK1
—
—
VDDR
PERH/
PPSH
Disabled
Port H I/O, Interrupt,
SCK of SPI1
PH1
KWH1
MOSI1
—
—
VDDR
PERH/
PPSH
Disabled
Port H I/O, Interrupt,
MOSI of SPI1
PH0
KWH0
MISO1
—
—
VDDR
PERH/
PPSH
Disabled
Port H I/O, Interrupt,
MISO of SPI1
PJ7
KWJ7
TXCAN4
SCL
TXCAN0
VDDX
PERJ/
PPSJ
Up
Port J I/O, Interrupt,
TX of CAN4, SCL of
IIC
PJ6
KWJ6
RXCAN4
SDA
RXCAN0
VDDX
PERJ/
PPSJ
Up
Port J I/O, Interrupt,
RX of CAN4, SDA of
IIC
PJ[1:0]
KWJ[1:0]
—
—
—
VDDX
PERJ/
PPSJ
Up
Port J I/O, Interrupts
PK7
ECS
ROMCTL
——
VDDX
PUCR/
PUPKE
Up
Port K I/O,
Emulation Chip
Select, ROM Control
PK[5:0]
XADDR[19:
14]
———
VDDX
PUCR/
PUPKE
Up
Port K I/O, Extended
Addresses
PM7
BF_PSLM
TXCAN4
—
—
VDDX
PERM/
PPSM
Disabled
Port M I/O, BF slot
mismatch pulse, TX
of CAN4
PM6
BF_PERR
RXCAN4
—
—
VDDX
PERM/
PPSM
Disabled
Port M I/O, BF illegal
pulse/message
format error pulse,
RX of CAN4
PM5
BF_PROK
TXCAN0
TXCAN4
SCK0
VDDX
PERM/
PPSM
Disabled
Port M I/O, BF
reception ok pulse,
TX of CAN0, CAN4,
SCK of SPI0
PM4
BF_PSYN
RXCAN0
RXCAN4
MOSI0
VDDX
PERM/
PPSM
Disabled
Port M I/O, BF sync
pulse (Rx/Tx) OK
pulse o/p, RX of
CAN0, CAN4, MOSI
of SPI0
PM3
TX_BF
TXCAN1
TXCAN0
SS0
VDDX
PERM/
PPSM
Disabled
Port M I/O, TX of BF,
CAN1, CAN0, SS of
SPI0
PM2
RX_BF
RXCAN1
RXCAN0
MISO0
VDDX
PERM/
PPSM
Disabled
Port M I/O, RX of BF,
CAN1, CAN0, MISO
of SPI0
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Pin Name
Function 5
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com