| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPR083 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPR083 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc |
|
14 / 56 page ![]() Introduction Blood Pressure Monitor Design Reference Manual, Rev. 0 2-8 Freescale Semiconductor 6. Within the Freescale SMAC GUI, click on the Blood Pressure Monitor icon. This icon will open a new window with the blood pressure monitor’s previously stored graphs. The application is now running. It is possible to use the arrow keys to navigate through the system menus and configure the settings. The user can set the audio on or off as well as enable and disable USB and wireless connectivity. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |