| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LVR200 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
LVR200 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 10 page ![]() 140 RoHS Compliant, ELV Compliant 10 Maximum Ambient Temperature Part Number -20°C 0°C 20°C 25°C 40°C 50°C 60°C 70°C 85°C LVR/LVRL LVR005N 0.08 0.06 0.05 0.05 0.04 0.04 0.03 0.03 0.02 LVR008N 0.12 0.10 0.08 0.08 0.07 0.06 0.05 0.04 0.03 LVR012 0.18 0.15 0.12 0.12 0.10 0.09 0.07 0.06 0.04 LVR016 0.24 0.20 0.16 0.16 0.13 0.11 0.10 0.08 0.05 LVR025 0.38 0.32 0.25 0.25 0.21 0.18 0.15 0.13 0.09 LVR033 0.50 0.42 0.33 0.33 0.27 0.23 0.20 0.17 0.11 LVR040 0.61 0.51 0.40 0.40 0.33 0.28 0.24 0.20 0.14 LVR055 0.80 0.68 0.55 0.54 0.46 0.40 0.35 0.29 0.22 LVR075 1.23 0.98 0.75 0.74 0.60 0.56 0.49 0.45 0.41 LVR100 1.65 1.30 1.00 0.94 0.80 0.75 0.65 0.60 0.55 LVR125 2.06 1.63 1.25 1.20 1.00 0.94 0.81 0.75 0.69 LVR200 3.30 2.60 2.00 1.97 1.60 1.50 1.30 1.20 1.10 LVRL075 1.08 0.93 0.75 0.74 0.64 0.57 0.51 0.44 0.35 LVRL100 1.40 1.19 1.00 0.94 0.82 0.73 0.65 0.57 0.45 LVRL125 1.80 1.53 1.25 1.20 1.04 0.94 0.83 0.73 0.60 LVRL135 2.00 1.65 1.35 1.29 1.12 1.01 0.90 0.78 0.65 LVRL200 3.05 2.55 2.00 1.97 1.72 1.55 1.39 1.22 0.98 Hold Current (A) 0.050 25.00 Ω — 0.080 9.800 Ω — 0.120 4.800 Ω — 0.160 3.400 Ω — 0.250 1.700 Ω — 0.330 1.000 Ω — 0.400 0.800 Ω — 0.550 0.590 Ω — 0.750 0.400 Ω 0.325 Ω 1.000 0.276 Ω 0.224 Ω 1.250 0.209 Ω 0.148 Ω 1.350 — 0.138 Ω 2.000 0.110 Ω 0.097 Ω Voltage Rating LVR 240VAC / 120VAC LVRL 120VAC Ambient Temperature (˚C) 180 170 160 150 140 130 120 110 100 90 80 70 60 50 40 30 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 A A B B C C Figure L1 A= LVR075-LVR200 B= LVRL075-LVRL200 C= LVR005N-LVR055 Table L1 Product Series - Current Rating, Voltage Rating / Typical Resistance for LVR Devices Table L2 Thermal Derating for LVR Devices [Hold Current (A) at Ambient Temperature (°C)] Figure L1 Thermal Derating Curve for LVR Devices |