| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
decaSMDC050F/60-2 Datasheet(PDF) 21 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
decaSMDC050F/60-2 Datasheet(HTML) 21 Page - Tyco Electronics |
|
21 / 22 page ![]() 207 RoHS Compliant, ELV Compliant 10 Resistance-sorted and Resistance-matched Devices Resistance-sorted devices (part number suffix “Rx”, where x = 1, 2, A, B, C, F etc.) are supplied with resistance values that are within specified segments of the device’s full range of resistance. Feature • Narrow resistance range. Benefits • Greater flexibility for design engineers. • Lower resistance devices can allow for increased loop length on line card designs. • Higher resistance devices may provide greater protection by offering faster time-to-trip. Resistance-sorted Devices Most TCF, TRF and TS devices are available in resistance-sorted and/or resistance-matched versions. Resistance-matched devices are supplied such that all parts in one particular package (or reel) are within 0.5 Ω of each other (1.0 Ω for TRF250-080T devices). Individual matched packages are supplied from the full resistance range of the specified device. Feature • Tighter resistance balance between any two parts in a package. Benefits • Resistance-matched devices may reduce the tip-ring resistance differential, reducing the possibility of line imbalance. Resistance-matched Devices Part Numbering System for Radial-leaded Telecommunications and Networking Devices TRF*250 -120 T -RA -B-0.5 -2 Packaging 2 = Tape and Reel 0.130 = special lead length in inches (Blank) = Bulk B-x.x = Resistance matched in bins of x.x Ω (optional) Rx = Resistance range (optional) Modifier (optional) U = Uncoated S = Straight lead T = Fast Trip device Hold Current (mA) Product Series (TRF250, TRF600) * F = RoHS compliant, ELV compliant Part Numbering System for Surface-mount Telecommunications and Networking Devices TSx -200 F -RA -B-0.5 -2 Packaging 2 = Tape and Reel (Blank) = Bulk B-x.x = Resistance matched in bins of x.x Ω (optional) Rx = Resistance range (optional) F = RoHS Compliant, ELV Compliant Hold Current (mA) Product Series (TS250, TSV250, TSL250, TS600, TSM600) |