Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LTP260 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza LTP260
Descripción Electrónicos  PolySwitch??Resettable Device Short Form Catalog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

LTP260 Datasheet(HTML) 3 Page - Tyco Electronics

  LTP260 Datasheet HTML 1Page - Tyco Electronics LTP260 Datasheet HTML 2Page - Tyco Electronics LTP260 Datasheet HTML 3Page - Tyco Electronics LTP260 Datasheet HTML 4Page - Tyco Electronics LTP260 Datasheet HTML 5Page - Tyco Electronics LTP260 Datasheet HTML 6Page - Tyco Electronics LTP260 Datasheet HTML 7Page - Tyco Electronics LTP260 Datasheet HTML 8Page - Tyco Electronics LTP260 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PolySwitch Resettable Device
Benefits:
• Reduced warranty and service costs
• Increased reliability
• Superior shock and vibration withstand
• Wide variety of applications
Features:
• Remotely resettable
• Testable
• Solid-state
• Variety of form factors
• Low resistance devices available
Automotive
• Actuators and medium motors
• Trace protection
• Powered outputs
• Electronic control modules
• Telematics
Battery Protection
• Lithium cells and battery packs
• Rechargeable battery packs
• Chargers
Computers and Peripherals
• DDC.2 computer video ports
• Hard disk drives/storage devices
• IEEE 1394 ports
• Mouse and keyboard ports
• USB (Universal Serial Bus) ports
• PC (PCMCIA) cards and sockets
• SCSI
Industrial
• MOSFET device protection
• Motors, fans, and blowers
• POS equipment
• Process and industrial controls
• Security and fire alarm systems
• Test and measurement equipment
• Transformers
• Power supplies
Consumer
• Loudspeakers
• Satellite video receivers
Telecommunications & Networking
• Central office equipment
• Customer premise equipment
• Primary protection: MDF modules,
Network Interface Devices (NIDs)
• xDSL modems and ISDN equipment
• WAN, LAN, T1/E1 equipment
• Cable power passing taps
• UL 60950, Telcordia GR-1089, GR-974
compliant equipment
• Equipment compliant with ITU-T K.20, K.21,
K.45 resistibility recommendations
• Distributed power supplies
What’s New Inside:
• Radial-leaded Products
- RoHS compliant RHE
• Surface-mount Products
- RoHS compliant nanoSMD
- RoHS compliant microSMD
- RoHS compliant miniSMD
- RoHS compliant decaSMD
- RoHS compliant SMDH
• Automotive Products
- RoHS compliant AHR
• Telecom Products
- RoHS compliant TR600
- RoHS compliant TS600
- RoHS compliant TSM600
PolySwitch devices can be used in a wide variety of applications:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com