Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZXTD4591E6 Datasheet(PDF) 5 Page - Zetex Semiconductors

No. de pieza ZXTD4591E6
Descripción Electrónicos  DUAL 60V NPN/PNP SILICON MEDIUM POWER TRANSISTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZETEX [Zetex Semiconductors]
Página de inicio  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTD4591E6 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXTD4591E6 Datasheet HTML 1Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 2Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 3Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 4Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 5Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 6Page - Zetex Semiconductors ZXTD4591E6 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ISSUE 1 - JULY 2000
ZXTD4591E6
NPN TYPICAL CHARACTERISTICS
5
10A
1A
10mA
100mA
1mA
-55 ° C
+25 ° C
+100 ° C
IC/IB=10
VCE(sat) vIC
IC-Collector Current
IC-Collector Current
VBE(sat) vIC
0
0.2
100mA
10mA
0.4
0.6
0.8
1.2
1.0
1.4
10A
1A
hFE VIC
IC-Collector Current
1mA
100mA
10mA
10A
1A
60
0
180
120
300
10mA
1mA
IC-Collector Current
VBE(on) vIC
100mA
1A
10A
0.6
0.8
1.0
1.2
0.4
0.2
0
IC-Collector Current
VCE(sat) vIC
1mA
0
0.1
100mA
10mA
+25 ° C
0.2
0.3
0.4
IC/IB=50
10A
1A
0.4
+100 ° C
-55 ° C
+25 ° C
+100 ° C
-55 ° C
+25 ° C
-55 °C
+25 ° C
+100 ° C
IC/IB=10
VCE=5V
VCE=5V
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1
10
100
1s
DC
100ms
10ms
100
µs
1ms
1
0
0.1
0.3
0.2
1mA
0.01
IC/IB=10
0.5
0.6
0.5
0.6
240
0.001



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com