| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TUSB9260PAP Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB9260PAP Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 21 page ![]() TUSB9260 www.ti.com SLLS962A – DECEMBER 2009 – REVISED JULY 2010 8 POWER CONSUMPTION Current numbers were taken on a typical ZAW device. All transfers are to a SATA Gen II SSD. A SATA Gen I target yields an approximate 10-mA power savings on the 1.1-V rail. Table 8-1. SuperSpeed USB Power Consumption TYPICAL IDLE CURRENT POWER RAIL TYPICAL ACTIVE CURRENT (mA)(1) (mA)(2) VDD11(3) 319 308 VDD18(4) 58 58 VDD33(5) 6 6 (1) Transferring data via SS USB to a SSD SATA Gen II device. No SATA power management, U0 only. (2) SATA Gen II SSD attached no active transfer. No SATA power management, U0 only. (3) All 1.1-V power rails connected together. (4) All 1.8-V power rails connected together. (5) All 3.3-V power rails connected together. Table 8-2. High Speed USB Power Consumption TYPICAL IDLE CURRENT POWER RAIL TYPICAL ACTIVE CURRENT (mA)(1) (mA)(2) VDD11(3) 197 193 VDD18(4) 45 36 VDD33(5) 14 14 (1) Transferring data via HS USB to a SSD SATA Gen II device. No SATA power management. (2) SATA Gen II SSD attached no active transfer. No SATA power management. (3) All 1.1-V power rails connected together. (4) All 1.8-V power rails connected together. (5) All 3.3-V power rails connected together. Copyright © 2009–2010, Texas Instruments Incorporated POWER CONSUMPTION 19 Submit Documentation Feedback Product Folder Link(s): TUSB9260 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |