Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSCSAAD150PCSA3 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

No. de pieza HSCSAAD150PCSA3
Descripción Electrónicos  TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL [Honeywell Solid State Electronics Center]
Página de inicio  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HSCSAAD150PCSA3 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HSCSAAD150PCSA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HSCSAAD150PCSA3 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.honeywell.com/sensing
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Digital interface clock frequency
100
400
kHz
I
2C voltage level low
-
-
0.2
Vsupply
I
2C voltage level high
0.8
-
-
Vsupply
Pull up on SDA and SCL
1
-
-
kOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com