Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP8802HSP-13 Datasheet(PDF) 10 Page - Diodes Incorporated

No. de pieza AP8802HSP-13
Descripción Electrónicos  60V 1A LED Step-down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP8802HSP-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP8802HSP-13 Datasheet HTML 3Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 4Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 5Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 6Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 7Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 8Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 9Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 10Page - Diodes Incorporated AP8802HSP-13 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP8802H
60V 1A LED Step-down Converter
AP8802H
Document number: DS32227 Rev. 1 - 2
10 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SO-8-EP
1.27typ
0.3/0.5
7°~9°
4.85/4.95
0.15/0.25
7°~9°
0.62/0.82
Gauge Plane
Seating Plane
45°
Detail "A"
Detail "A"
Bottom View
3.3Ref.
Exposed pad
8x-0.60
Land Pattem Recommendation
(Unit:mm)
Exposed pad
1
1
1
6x-1.27



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com