Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PT2350 Datasheet(PDF) 3 Page - Princeton Technology Corp

No. de pieza PT2350
Descripción Electrónicos  Tone Control Subwoofer Low Pass Filter IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PTC [Princeton Technology Corp]
Página de inicio  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2350 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2350 Datasheet HTML 1Page - Princeton Technology Corp PT2350 Datasheet HTML 2Page - Princeton Technology Corp PT2350 Datasheet HTML 3Page - Princeton Technology Corp PT2350 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tone Control Subwoofer Cross-Over Low Pass Filter IC
Ref. No. 2350 v1.1
3
Written July 1999
Princeton Technology Corp.
Tel: 886-2-29162151
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2350
APPLICATION CIRCUIT
Notes: 1. If you use the above values: Treble Control Range = 4KHz + 10 dB
Bass Control Range = 50 Hz + 10 dB
Subwoofer Output Roll-Off Point is at -3dB at 130Hz
Slope Rate = -12dB/oct
2. It is recommended that you use Mylar or Metal Capacitors for better audio quality.
3. Please do not connect 0.1µF or any by-pass capacitor between the GND and VDD.
1
2
3
0.005uF
CH2
Right Channel Treble Control VR
CL2
0.05uF
1
1
3
3
2
2
10K
100K (B) VR
100K (B) VR
Right Channel Bass Control VR
LIN
LB1
LB2
LB3
LT1
LT2
LOUT
VREF
C2
Vss
RIN
RB1
RB2
RB3
RT1
RT2
ROUT
SOUT
C1
VDD
PT2350
4.7uF/16V
0.15uf
+
+
4.7uF/16V
Left
Channel Output
1
2
3
0.005uF
CH1
Left Channel Treble Control VR
CL1
0.05uF
1
3
2
10K
100K (B) VR
100K (B) VR
Left Channel Bass Control VR
+
1
2
3
4.7uF
Left
Channel Input
4.7uF
Right
Channel Input
10K VR
(A)
Right
Channel Output
4.7uF/16V
4.7uF/16V
Subwoofer Output
0.068uF
C1
220Ohms
12V
100uF
8.2VZD
10KVR
(A)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com