Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TDA19978B Datasheet(PDF) 9 Page - NXP Semiconductors

No. de pieza TDA19978B
Descripción Electrónicos  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA19978B Datasheet HTML 5Page - NXP Semiconductors TDA19978B Datasheet HTML 6Page - NXP Semiconductors TDA19978B Datasheet HTML 7Page - NXP Semiconductors TDA19978B Datasheet HTML 8Page - NXP Semiconductors TDA19978B Datasheet HTML 9Page - NXP Semiconductors TDA19978B Datasheet HTML 10Page - NXP Semiconductors TDA19978B Datasheet HTML 11Page - NXP Semiconductors TDA19978B Datasheet HTML 12Page - NXP Semiconductors TDA19978B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TDA19978B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 10 May 2010
9 of 38
NXP Semiconductors
TDA19978B
Quad HDMI 1.3a receiver with digital processing
[1]
P = power supply; G = ground; I = input; O = output and I/O = input/output.
[2]
Connected to the ground of the HDMI receiver (VSSH) in normal operation.
8.
Functional description
The TDA19978B converts digital data streams input by the HDMI sources into parallel
digital data for use by media and video signal processing integrated circuits in devices for
HDTV. Data streams can be decoded without HDCP protection.
Outputs from the TDA19978B can be RGB 4:4:4, YCbCr 4:4:4, YCbCr 4:2:2 semi-planar
format based on the ITU-R BT.601 standard or YCbCr 4:2:2 based on the ITU-R BT.656
format. Inputs can be both progressive and interlaced formats. The TDA19978B
comprises a color space conversion block, downsampling filters and an embedded timing
code function. In addition, the repeater function enables other HDMI devices to be
connected to form an extended “total application”.
8.1 Software drivers
Software drivers are provided for easy configuration and use of the TDA19978B. These
drivers can be integrated with a large range of processors, with or without an operating
system. They control activity detection, input selection, video mode identification, color
conversion, Power-down modes and InfoFrame notification.
8.2 HDMI inputs
Control of the four HDMI inputs can be automatic using activity detection or using the
I2C-bus. The HDMI receiver inputs are defined by pins RXx0+, RXx0
−, RXx1+, RXx1−,
RXx2+, RXx2
−, RXxC+, RXxC−, RRX1, RRX2, HSCLx and HSDAx (x equals A, B, C or D
as applicable).
8.3 Termination resistance control
The HDMI receiver input contains a termination resistance control set by an external
resistor connected between pins RRXx and VDDH(3V3) (x equals 1 for inputs A and B or 2
for inputs C and D). Typically, the characteristic impedance is 50
Ω and the default value
of the external terminal control resistor is 12 k
Ω ± 1 %.
HSCLC
139
I
HDMI input C DDC-bus serial clock
HSDAD
140
I/O
HDMI input/output D DDC-bus serial data
HSCLD
141
I
HDMI input D DDC-bus serial clock
VDDI(3V3)
142
P
digital inputs supply voltage; 3.3 V
RRX2
143
I
HDMI inputs C and D termination resistance control
VDDH(1V8)
144
P
HDMI receiver supply voltage; 1.8 V
Exposed die pad
-
G
exposed die pad; connect to digital core ground (VSSC)
Table 3.
Pin description …continued
Symbol
Pin
Type[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com