| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL072ACDRE4 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACDRE4 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 40 page ![]() TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION −15 V 6 sin ωt 6 cos ωt 88.4 k Ω VCC+ VCC− VCC+ VCC− 1N4148 18 pF 18 pF 1 k Ω 18 k Ω (see Note A) 15 V TL072 TL072 88.4 k Ω 88.4 k Ω 18 pF 1 k Ω 18 k Ω (see Note A) 1N4148 NOTE A: These resistor values may be adjusted for a symmetrical output. Figure 26. 100-kHz Quadrature Oscillator 0.1 μF 0.1 μF 10 k Ω 50 Ω 100 k Ω N1 OUT 1 M Ω VCC+ 10 k Ω 10 k Ω TL071 N2 IN− IN+ Figure 27. AC Amplifier |