Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MF1S5009DA4 Datasheet(PDF) 30 Page - NXP Semiconductors

No. de pieza MF1S5009DA4
Descripción Electrónicos  Mainstream contactless smart card IC for fast and easy solution development
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1S5009DA4 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button MF1S5009DA4 Datasheet HTML 24Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 25Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 26Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 27Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 28Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 29Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 30Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 31Page - NXP Semiconductors MF1S5009DA4 Datasheet HTML 32Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
MF1S5009
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3 — 27 July 2010
189131
30 of 32
NXP Semiconductors
MF1S5009
Mainstream contactless smart card IC
Non-automotive qualified products — Unless this data sheet expressly
states that this specific NXP Semiconductors product is automotive qualified,
the product is not suitable for automotive use. It is neither qualified nor tested
in accordance with automotive testing or application requirements. NXP
Semiconductors accepts no liability for inclusion and/or use of
non-automotive qualified products in automotive equipment or applications.
In the event that customer uses the product for design-in and use in
automotive applications to automotive specifications and standards, customer
(a) shall use the product without NXP Semiconductors’ warranty of the
product for such automotive applications, use and specifications, and (b)
whenever customer uses the product for automotive applications beyond
NXP Semiconductors’ specifications such use shall be solely at customer’s
own risk, and (c) customer fully indemnifies NXP Semiconductors for any
liability, damages or failed product claims resulting from customer design and
use of the product for automotive applications beyond NXP Semiconductors’
standard warranty and NXP Semiconductors’ product specifications.
18.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks
are the property of their respective owners.
MIFARE — is a trademark of NXP B.V.
19. Contact information
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32