Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ECEC1HP103CJ Datasheet(PDF) 13 Page - Panasonic Semiconductor

No. de pieza ECEC1HP103CJ
Descripción Electrónicos  Snap-in Type
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1HP103CJ Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ECEC1HP103CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC1HP103CJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP(L:20mm)
 EE186 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
400
450
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
n
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products(L:20mm)
100
30
20
0.47
0.15
ECEC2GP101DJ
200
150
35
20
0.60
0.15
ECEC2GP151EJ
200
33
22
20
0.20
0.15
ECEC2WP330BJ
200
47
25
20
0.29
0.15
ECEC2WP470CJ
200
68
30
20
0.38
0.15
ECEC2WP680DJ
200
100
35
20
0.52
0.15
ECEC2WP101EJ
200
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com