Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EMB9 Datasheet(PDF) 2 Page - Rohm

No. de pieza EMB9
Descripción Electrónicos  General purpose dual digital transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

EMB9 Datasheet(HTML) 2 Page - Rohm

  EMB9 Datasheet HTML 1Page - Rohm EMB9 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMB9 / UMB9N / IMB9A
Transistors
!
!
!
!
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
VI (off)
VI (on)
VO (on)
II
IO (off)
R1
GI
R2 / R1
Min.
−1.4
7
68
3.7
−0.1
10
4.7
−0.3
−0.3
−0.88
−0.5
13
5.7
V
VCC
=
−5V, IO=−100µA
VO
=
−0.3V, IO=−1mA
IO/II
=
−5mA/−0.25mA
VI
=
−5V
VCC
=
−50V, VI=0V
VO
=
−5V, IO=−5mA
V
mA
µA
k
−−
Typ.
Max.
Unit
Conditions
fT
250
VCE
=
−10mA, IE=5mA, f=100MHz
MHz
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Transition frequency
Resistance ratio
Transition frequency of the device
!
!
!
!
Packaging specifications
Package
Code
TR
T148
3000
3000
Taping
Basic ordering
unit (pieces)
UMB9N
T2R
8000
EMB9
IMB9A
Type
!
!
!
!
Electrical characteristic curves
VO=
−0.3V
Fig.1 Input voltage vs. output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
25˚C
100˚C
Ta=
−40˚C
VCC=
−5V
Ta=100˚C
25˚C
−40˚C
0
−3
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1
−1.5
−2
−2.5
INPUT VOLTAGE : VI (off)
(V)
Fig.2 Output current vs. input voltage
(OFF characteristics)
VO=
−5V
Ta=100˚C
25˚C
−40˚C
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
Fig.3 DC current gain vs. output
current
lO/lI =20
500m
1000m
200m
100m
10m
50m
5m
20m
2m
1m
Ta=100˚C
25˚C
−40˚C
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
OUTPUT CURRENT : IO
(A)
Fig.4 Output voltage vs. output
current



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com