Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

R1210N301C Datasheet(PDF) 4 Page - RICOH electronics devices division

No. de pieza R1210N301C
Descripción Electrónicos  PWM Step-up DC/DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICOH [RICOH electronics devices division]
Página de inicio  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1210N301C Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1210N301C Datasheet HTML 1Page - RICOH electronics devices division R1210N301C Datasheet HTML 2Page - RICOH electronics devices division R1210N301C Datasheet HTML 3Page - RICOH electronics devices division R1210N301C Datasheet HTML 4Page - RICOH electronics devices division R1210N301C Datasheet HTML 5Page - RICOH electronics devices division R1210N301C Datasheet HTML 6Page - RICOH electronics devices division R1210N301C Datasheet HTML 7Page - RICOH electronics devices division R1210N301C Datasheet HTML 8Page - RICOH electronics devices division R1210N301C Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
R1210N××1×
3
PIN CONFIGURATION
SOT-23-5
5
4
LX
GND
(mark side)
12
3
CE
VOUT
NC
PIN DESCRIPTION
Pin No.
Symbol
Description
1CE
Chip Enable Pin
2VOUT
Pin for Monitoring Output Voltage
3
NC
No Connection
4
GND
Ground Pin
5LX
Switching Pin (Nch Open Drain)
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VOUT
VOUT Pin Output Voltage
9.0
V
VLX
LX Pin Output Voltage
9.0
V
VCE
CE Pin Input Voltage
9.0
V
ILX
LX Pin Output Current
400
mA
PD
Power Dissipation
250
mW
Topt
Operating Temperature Range
-40∼+85
°C
Tstg
Storage Temperature Range
-55∼+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com