Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC-2YCX Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza SC-2YCX
Descripción Electrónicos  Perma-Seal??3-Way Connector Assembly for 10-12 AWG Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX4 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SC-2YCX Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SC-2YCX Datasheet HTML 1Page - Molex Electronics Ltd. SC-2YCX Datasheet HTML 2Page - Molex Electronics Ltd. SC-2YCX Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640074
Status:
Active
Description:
Perma-Seal™ 3-Way Connector Assembly for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Splices
Series
19164
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
3 Way, Perma-Seal™
Physical
Barrel Type
Closed
Insulation
NiAc™
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
7.87mm (.310") max
Wire Size AWG
10, 12
Wire Size mm²
3.09 - 5.01
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SC-2YCX
Reference - Drawing Numbers
Sales Drawing
SD-19164-051, SD-19204-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool, UL
Approved
0640017400
Power Crimp Tool
Head for Prema-
Seal™ Terminals
10-22 AWG
0640057400
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - SC-2YCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Riedon Powertron
SC-2 RIEDON-SC-2 Datasheet
270Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
SC-2 RIEDON-SC-2 Datasheet
170Kb / 1P
Four Terminal / Surface Mount Wirewound Resistors
logo
Cooper Bussmann, Inc.
SC-2 COOPER-SC-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-2 EATON-SC-2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Cooper Bussmann, Inc.
SC-2-1/2 COOPER-SC-2-1/2 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
More results

Descripción similar - SC-2YCX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0191640042 MOLEX4-0191640042 Datasheet
129Kb / 3P
Perma-Seal??3-Way Connector Assembly for 14-16 AWG Wire
0191640057 MOLEX4-0191640057 Datasheet
109Kb / 3P
Perma-Seal??Butt Splice for 10-12 AWG Wire
0191640062 MOLEX4-0191640062 Datasheet
111Kb / 2P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire
0191640316 MOLEX4-0191640316 Datasheet
112Kb / 3P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire
0191640070 MOLEX4-0191640070 Datasheet
82Kb / 2P
Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191640011 MOLEX4-0191640011 Datasheet
129Kb / 3P
Perma-Seal??3-Way Connector Assembly for 18-22 AWG Wire
0191640068 MOLEX4-0191640068 Datasheet
107Kb / 2P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud 3/8
0191640065 MOLEX4-0191640065 Datasheet
111Kb / 2P
Perma-Seal??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 10
0191640056 MOLEX4-0191640056 Datasheet
106Kb / 2P
Perma-Seal??Butt Splice for 10-12 AWG Wire
191640069 MOLEX-191640069 Datasheet
53Kb / 1P
SPADE TERMINAL PERMA-SEAL 10-12 AWG
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com