Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431BQLPM Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431BQLPM
Descripción Electrónicos  PRECISION PROGRAMMABLE REFERENCE
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431BQLPM Datasheet(HTML) 57 Page - Texas Instruments

Back Button TL431BQLPM Datasheet HTML 53Page - Texas Instruments TL431BQLPM Datasheet HTML 54Page - Texas Instruments TL431BQLPM Datasheet HTML 55Page - Texas Instruments TL431BQLPM Datasheet HTML 56Page - Texas Instruments TL431BQLPM Datasheet HTML 57Page - Texas Instruments TL431BQLPM Datasheet HTML 58Page - Texas Instruments TL431BQLPM Datasheet HTML 59Page - Texas Instruments TL431BQLPM Datasheet HTML 60Page - Texas Instruments TL431BQLPM Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL431AIDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431AIDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431AIDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431AIDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431AIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431AQDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431AQDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431AQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431AQDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431AQDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431AQDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BCDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431BCDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431BCDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431BCDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431BCDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BCDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431BCPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431BCPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431BCPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
TL431BIDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431BIDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431BIDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431BIDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431BIDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BIDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BIDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431BIPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431BQDBVR
SOT-23
DBV
5
3000
203.0
203.0
35.0
TL431BQDBVT
SOT-23
DBV
5
250
203.0
203.0
35.0
TL431BQDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431BQDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431BQDCKR
SC70
DCK
6
3000
203.0
203.0
35.0
TL431BQDCKT
SC70
DCK
6
250
203.0
203.0
35.0
TL431BQDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431CDBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
TL431CDBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
TL431CDBZR
SOT-23
DBZ
3
3000
202.0
201.0
28.0
TL431CDBZT
SOT-23
DBZ
3
250
202.0
201.0
28.0
TL431CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL431CPK
SOT-89
PK
3
1000
340.0
340.0
38.0
TL431CPSR
SO
PS
8
2000
346.0
346.0
33.0
TL431CPWR
TSSOP
PW
8
2000
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
11-Aug-2010
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76