| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL431CDBVR Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431CDBVR Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 76 page ![]() 2500 2480 2420 2400 −75 −50 −25 0 25 50 75 2540 2580 REFERENCE VOLTAGE vs FREE-AIR TEMPERATURE 2600 100 125 2460 2560 2520 2440 TA − Free-Air Temperature − °C Vref = 2495 mV Vref = 2440 mV VKA = Vref IKA = 10 mA Vref = 2550 mV 3 2 1 0 −75 −25 0 50 4 REFERENCE CURRENT vs FREE-AIR TEMPERATURE 5 100 125 −50 25 75 TA − Free-Air Temperature − °C R1 = 10 kΩ R2 = ∞ IKA = 10 mA 25 0 −50 −75 −100 125 −25 −2 −1 0 1 75 50 100 CATHODE CURRENT vs CATHODE VOLTAGE 150 2 3 VKA − Cathode Voltage − V VKA = Vref TA = 25°C 400 200 0 −200 −1 0 1 600 CATHODE CURRENT vs CATHODE VOLTAGE 800 2 3 VKA = Vref TA = 25°C VKA − Cathode Voltage − V Imin TL431, TL431A, TL431B TL432, TL432A, TL432B SLVS543K – AUGUST 2004 – REVISED JUNE 2010 www.ti.com Figure 4. Figure 5. Figure 6. Figure 7. 22 Submit Documentation Feedback Copyright © 2004–2010, Texas Instruments Incorporated Product Folder Link(s): TL431 TL431A TL431B TL432 TL432A TL432B |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |