Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PT6306 Datasheet(PDF) 1 Page - Princeton Technology Corp

No. de pieza PT6306
Descripción Electrónicos  64-Bit High Voltage Display Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PTC [Princeton Technology Corp]
Página de inicio  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6306 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6306 Datasheet HTML 1Page - Princeton Technology Corp PT6306 Datasheet HTML 2Page - Princeton Technology Corp PT6306 Datasheet HTML 3Page - Princeton Technology Corp PT6306 Datasheet HTML 4Page - Princeton Technology Corp PT6306 Datasheet HTML 5Page - Princeton Technology Corp PT6306 Datasheet HTML 6Page - Princeton Technology Corp PT6306 Datasheet HTML 7Page - Princeton Technology Corp PT6306 Datasheet HTML 8Page - Princeton Technology Corp PT6306 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PT6306
64-Bit High Voltage Display Driver IC
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6306 is a 64-Bit High-Voltage Display Driver
utilizing CMOS Technology specially designed for VFD
display panels. It provides 64-bit bidirectional shift
register, 64-bit latch and high-voltage CMOS Driver.
The logic circuit operates on 5V power supply (CMOS
Level Input) making it possible for PT6306 to be used
in conjunction with a microcomputer. The driver block
consists of 80V, 50mA (max.) high voltage output
buffer. Pin assignments and application circuits are
optimized for easy PCB Layout and cost saving
benefits.
APPLICATION
• Micro Computer Peripheral
FEATURES
• CMOS Technology
• Low Power Consumption
• 64-Bit Bidirectional shift registers
• Data Controlled via External Transfer Clock and
Latch
• High Speed Data Transfer (fmax=25MHz, Min.:
16MHz in cascade connection)
• Wide Operating temperature Range: -40 to +85℃
• High Voltage Output (80V, 50mA max.)
• Polarities of all Drivers may be inverted by using
PCB Pin
• Available in COB and 100-pin, QFP
BLOCK DIAGRAM


Número de pieza similar - PT6306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PT6306 TI-PT6306 Datasheet
319Kb / 3P
3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
PT6306 TI1-PT6306 Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306A TI1-PT6306A Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306B TI1-PT6306B Datasheet
347Kb / 6P
Internal Short Circuit Protection
PT6306C TI1-PT6306C Datasheet
347Kb / 6P
Internal Short Circuit Protection
More results

Descripción similar - PT6306

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Micrel Semiconductor
MIC8030 MICREL-MIC8030 Datasheet
62Kb / 5P
High-Voltage Display Driver
logo
National Semiconductor ...
MM58341 NSC-MM58341 Datasheet
147Kb / 6P
High Voltage Display Driver
MM58242 NSC-MM58242 Datasheet
137Kb / 6P
High Voltage Display Driver
logo
NEC
UPD16306A NEC-UPD16306A Datasheet
524Kb / 15P
64-BIT HIGH-VOLTAGE CMOS DRIVER
logo
National Semiconductor ...
MM58248 NSC-MM58248 Datasheet
156Kb / 6P
High Voltage Display Driver
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Texas Instruments
MM58342 TI1-MM58342 Datasheet
229Kb / 7P
High Voltage Display Driver
logo
IK Semicon Co., Ltd
IK2102 IKSEMICON-IK2102 Datasheet
2Mb / 23P
LED Display Driver IC
logo
SHENZHEN FUMAN ELECTRON...
74HC595A FUMAN-74HC595A Datasheet
227Kb / 5P
Display driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com