Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPS61252 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

No. de pieza TPS61252
Descripción Electrónicos  TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Página de inicio  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TPS61252 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TPS61252 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TPS61252 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
R4
1 M
C1
10 µF
C
22 µF
OUT
L
VIN
EN
ILIM
GND
VOUT
FB
PG
R
20 k
ILIM
C
100 pF
FF
V
IN
R2
243 k
L1
1 H
R1
768 k
V
OUT
TPS61252
Power Good
Output
2.3 V to
6.0 V
5.0 V
TPS61252
www.ti.com
SLVSAG3 – SEPTEMBER 2010
TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
Check for Samples: TPS61252
1
FEATURES
Short Circuit Protection
Resistor Programmable Input Current Limit
Typical Operating Frequency 3.25 MHz
±20% Current Accuracy at 500 mA over Full
Available in a 2×2-mm QFN-8 Package
Temperature Range
APPLICATIONS
Programmable from 100 mA up to 1500 mA
USB Host Supplies from a Single Li-Ion
Up to 92% Efficiency
Battery
VIN Range from 2.3 V to 6.0 V
Current Limited Applications
Power Good Indicates Appropriate Output
Li-Ion Applications
Voltage Level
Audio Applications
Adjustable Output Voltage up to 6.5 V
RF-PA Buffer
100% Duty-Cycle Mode When VIN > VOUT
Load Disconnect and Reverse Current
Protection
DESCRIPTION
The TPS61252 device provides a power supply solution for products powered by either a three-cell alkaline,
NiCd or NiMH battery, or an one-cell Li-Ion or Li-polymer battery. The wide input voltage range is ideal to power
portable applications like mobile phones or for computer peripherals. The device has a resistor programmable
(RILIM) input current limit and is suitable for a wide variety of applications.
During light loads the device will automatically enter skip mode (PFM), which allows the converter to maintain the
required output voltage, while only drawing 30 mA from the battery. This will allow maximum efficiency at lowest
quiescent currents.
TPS61252 allows the use of small inductors and input capacitors to achieve a small solution size. The possibility
to reduce the current limit by a external resistor offers the potential use of physically even smaller inductors with
lower rated current to further reduce total solution sizes of the power supply. During shutdown, the load is
completely disconnected from the battery. The TPS61252 is available in a 8-pin QFN package measuring 2×2
mm (DSG).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS61252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS61252 TI1-TPS61252 Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252DGST TI1-TPS61252DGST Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252DSGR TI1-TPS61252DSGR Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252DSGT TI1-TPS61252DSGT Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
More results

Descripción similar - TPS61252

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
TPS61252 TI-TPS61252_15 Datasheet
999Kb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com