Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EL8170FSZ Datasheet(PDF) 1 Page - Intersil Corporation

No. de pieza EL8170FSZ
Descripción Electrónicos  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8170FSZ Datasheet(HTML) 1 Page - Intersil Corporation

  EL8170FSZ Datasheet HTML 1Page - Intersil Corporation EL8170FSZ Datasheet HTML 2Page - Intersil Corporation EL8170FSZ Datasheet HTML 3Page - Intersil Corporation EL8170FSZ Datasheet HTML 4Page - Intersil Corporation EL8170FSZ Datasheet HTML 5Page - Intersil Corporation EL8170FSZ Datasheet HTML 6Page - Intersil Corporation EL8170FSZ Datasheet HTML 7Page - Intersil Corporation EL8170FSZ Datasheet HTML 8Page - Intersil Corporation EL8170FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7490.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
EL8170, EL8173
Micropower, Single Supply, Rail-to-Rail
Input-Output Instrumentation Amplifiers
The EL8170 and EL8173 are micropower instrumentation
amplifiers optimized for operation at 2.9V to 5V single
supplies. Inputs and outputs can operate rail-to-rail. As with
all instrumentation amplifiers, a pair of inputs provide very
high common-mode rejection and are completely
independent from a pair of feedback terminals. The
feedback terminals allow zero input to be translated to any
output offset, including ground. A feedback divider controls
the overall gain of the amplifier.
The EL8170 is compensated for a gain of 100 or more, and
the EL8173 is compensated for a gain of 10 or more. The
EL8170 and EL8173 have bipolar input devices for best
offset and 1/f noise performance.
The amplifiers can be operated from one lithium cell or two
Ni-Cd batteries. The EL8170 and EL8173 input range
includes ground to slightly above positive rail. The output
stage swings to ground and positive supply - no pull-up or
pull-down resistors are needed.
Pinout
EL8170, EL8173
(8 LD SO)
TOP VIEW
Features
• 78µA maximum supply current
• Maximum offset voltage
- 250µV (EL8170)
- 1000µV (EL8173)
• 500pA input bias current
• 2µV/°C offset voltage drift
• 396kHz -3dB bandwidth (G = 10)
• 192kHz -3dB bandwidth (G = 100)
• 0.5V/µs slew rate
• Single supply operation
- Input voltage range is rail-to-rail
- Output swings rail-to-rail
• Output sources and sinks ±29mA load current
• 0.2% gain error
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery- or solar-powered systems
• Strain gauges
• Current monitors
• Thermocouple amplifiers
1
2
3
4
8
7
6
5
Σ
+
-
+
-
ENABLE
IN-
IN+
VS-
FB+
VS+
FB-
OUT
Data Sheet
March 9, 2006


Número de pieza similar - EL8170FSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8170FSZ RENESAS-EL8170FSZ Datasheet
985Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results

Descripción similar - EL8170FSZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
July 27, 2009
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com