Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MAX6740 Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de pieza MAX6740
Descripción Electrónicos  Low-Power Dual-/Triple-Voltage SC70 uP Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6740 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6740 Datasheet HTML 1Page - Maxim Integrated Products MAX6740 Datasheet HTML 2Page - Maxim Integrated Products MAX6740 Datasheet HTML 3Page - Maxim Integrated Products MAX6740 Datasheet HTML 4Page - Maxim Integrated Products MAX6740 Datasheet HTML 5Page - Maxim Integrated Products MAX6740 Datasheet HTML 6Page - Maxim Integrated Products MAX6740 Datasheet HTML 7Page - Maxim Integrated Products MAX6740 Datasheet HTML 8Page - Maxim Integrated Products MAX6740 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX6736–MAX6745 are low-power dual-/triple-
voltage microprocessor (µP) supervisors. These
devices assert a reset if any monitored supply falls
below its factory-trimmed or adjustable threshold and
maintain reset for a minimum timeout period after all
supplies rise above their thresholds. The integrated
dual/triple supervisory circuits significantly reduce size
and power compared to separate ICs or discrete com-
ponents. The low supply current of 6µA makes these
devices ideal for portable equipment.
The MAX6736/MAX6737 are dual fixed-voltage µP
supervisors with a manual reset input. The MAX6738/
MAX6739 have one fixed and one adjustable reset
threshold and a manual reset input. The MAX6740/
MAX6743 are triple-voltage µP supervisors with two
fixed and one user-adjustable reset threshold inputs.
The MAX6741/MAX6744 are dual-voltage µP supervi-
sors with a power-OK (POK) output ideal for power-
supply sequencing. The MAX6742/MAX6745 monitor
the primary VCC supply and have an independent
power-fail comparator.
The MAX6736–MAX6745 monitor I/O supply voltages
(VCC1) from 1.8V to 5.0V and core supply voltages
(VCC2) from 0.9V to 3.3V with factory-trimmed reset
threshold voltage options (Table 1). An external
adjustable RSTIN input option allows monitoring volt-
ages down to 0.5V.
A variety of push-pull or open-drain reset outputs along
with manual reset input and power-fail input/output fea-
tures are available (see the Selector Guide). The
MAX6736–MAX6745 are offered in a space-saving 5-pin
SC70 package and operate over the -40°C to +85°C
temperature range.
Applications
Features
♦ Dual-/Triple-Supply Reset Voltage Monitors
♦ Precision Factory-Set Reset Thresholds for
Monitoring from 0.9V to 5.0V
♦ Adjustable Reset Input Down to 0.488V
♦ 150ms and 1200ms (min) Reset Timeout Period
Options
♦ VCC1 Power-OK Output for Power-Supply
Sequencing Applications (MAX6741/MAX6744)
♦ Power-Fail Input/Power-Fail Output
(MAX6742/MAX6745)
♦ 6µA Supply Current
♦ Tiny SC70 Package
Low-Power Dual-/Triple-Voltage SC70 µP
Supervisory Circuits
________________________________________________________________ Maxim Integrated Products
1
PART
VOLTAGE
MONITORS
OPEN-DRAIN
RESET
PUSH-PULL
RESET
MANUAL
RESET
POWER-FAIL
INPUT/
OUTPUT
POK
OUTPUT
RSTIN
INPUT
MAX6736
2 fixed
X
X
MAX6737
2 fixed
X
X
MAX6738
1 fixed, 1 adj
X
X
X
Selector Guide
Ordering Information
19-2531; Rev 2; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6736XK_ _D_-T
-40°C to +85°C
5 SC70-5
MAX6737XK_ _D_-T
-40°C to +85°C
5 SC70-5
Note: The first “_ _” or “_” are placeholders for the threshold
voltage levels of the devices. Desired threshold levels are set
by the part number suffix found in Tables 1 and 2. The “_” after
the D is a placeholder for the reset timeout period suffix found
in Table 3. For example, the MAX6736XKLTD3-T is a dual-volt-
age supervisor VTH1 = 4.625V, VTH2 = 3.075V, and a 150ms
minimum reset timeout period. All devices are available in
tape-and-reel only. There is a 2500-piece minimum order
increment for standard versions (see Table 1). Sample stock is
typically held on standard versions only. Nonstandard versions
require a minimum order increment of 10,000 pieces. Contact
factory for availability.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Portable/Battery-
Powered Equipment
Multivoltage Systems
Notebook Computers
Controllers
PDAs
GPS Equipment
POS Equipment
Ordering Information and Selector Guide continued at end
of data sheet.
Pin Configurations, Typical Application Circuits, and
Functional Diagram appear at end of data sheet.
*Manual reset detect on RESET output.


Número de pieza similar - MAX6740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6740XKL MAXIM-MAX6740XKL Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKM MAXIM-MAX6740XKM Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKR MAXIM-MAX6740XKR Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKS MAXIM-MAX6740XKS Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6740XKT MAXIM-MAX6740XKT Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
More results

Descripción similar - MAX6740

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6730 MAXIM-MAX6730 Datasheet
244Kb / 16P
Single-/Dual-/Triple-Voltage uP Supervisory Circuits with Independent Watchdog Output
Rev 2; 1/03
MAX6736 MAXIM-MAX6736 Datasheet
236Kb / 16P
Low-Power Dual-/Triple-Voltage SC70 UP Supervisory Circuits
19-2531; Rev 1; 4/03
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6715 MAXIM-MAX6715_05 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
19-2325; Rev 5; 12/05
MAX6715A MAXIM-MAX6715A Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 uP Supervisory Circuits
Rev 3; 9/08
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
MAX6718UKTGD3 MAXIM-MAX6718UKTGD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 uP Supervisory Circuits
Rev 5; 12/05
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com