Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SS14MDP2 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza SS14MDP2
Descripción Electrónicos  Contains all support circuitry needed for the ADS1146/ADS1246
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

SS14MDP2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SS14MDP2 Datasheet HTML 5Page - Texas Instruments SS14MDP2 Datasheet HTML 6Page - Texas Instruments SS14MDP2 Datasheet HTML 7Page - Texas Instruments SS14MDP2 Datasheet HTML 8Page - Texas Instruments SS14MDP2 Datasheet HTML 9Page - Texas Instruments SS14MDP2 Datasheet HTML 10Page - Texas Instruments SS14MDP2 Datasheet HTML 11Page - Texas Instruments SS14MDP2 Datasheet HTML 12Page - Texas Instruments SS14MDP2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
8.1
Installing the ADCPro Software
www.ti.com
ADS1246EVM-PDK Kit Operation
CAUTION
Do not connect the ADS1246EVM-PDK before installing the software on a
suitable PC. Failure to observe this caution may cause Microsoft Windows to
not recognize the ADS1246EVM-PDK as a connected device.
The CD-ROM shipped with the ADS1246EVM contains an installer for ADCPro as well as an installer for
the ADS1246EVM plug-in. The latest software is available from the TI website at http://www.ti.com/. Refer
to the ADCPro User Guide for instructions on installing and using ADCPro.
To install the ADS1246EVM-PDK plug-in, run the file: ads1246evm-pdk-plug-in-1.0.0.exe (1.0.0 is the
version number, and increments with software version releases - you may have a different version on your
CD). Double-click the file to run it; then follow the instructions shown. You can also utilize the ADCPro
Update Check feature to check for newer versions of the ADS1246EVM-PDK plug-in, once you have
installed a version of it.
Follow the on-screen prompts. Once the ADCPro plug-in installs, you will be prompted to install the Virtual
COM port driver as shown in Figure 4.
Figure 4. Virtual COM Port Installer
Press OK and the screen shown in Figure 5 is displayed.
Figure 5. Virtual COM Port Setup
If you already have a TUSB3410 Virtual COM port driver installed on your system, select Cancel;
otherwise, press Setup and follow the on-screen prompts. You may be notified that the driver is not
digitally signed. If this message appears, select Continue Anyway and proceed.
SBAU149A – June 2009 – Revised July 2009
ADS1146EVM, ADS1246EVM, ADS1146EVM-PDK, ADS1246EVM-PDK
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27