Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST72101G1B1 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza ST72101G1B1
Descripción Electrónicos  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1B1 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72101G1B1 Datasheet HTML 1Page - STMicroelectronics ST72101G1B1 Datasheet HTML 2Page - STMicroelectronics ST72101G1B1 Datasheet HTML 3Page - STMicroelectronics ST72101G1B1 Datasheet HTML 4Page - STMicroelectronics ST72101G1B1 Datasheet HTML 5Page - STMicroelectronics ST72101G1B1 Datasheet HTML 6Page - STMicroelectronics ST72101G1B1 Datasheet HTML 7Page - STMicroelectronics ST72101G1B1 Datasheet HTML 8Page - STMicroelectronics ST72101G1B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
May 2001
1/85
ST72101/ST72212/ST72213
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM,
256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
DATASHEET
s
User Program Memory (ROM/OTP/EPROM):
4 to 8K bytes
s
Data RAM: 256 bytes, including 64 bytes of
stack
s
Master Reset and Power-On Reset
s
Run, Wait, Slow, Halt and RAM Retention
modes
s
22 multifunctional bidirectional I/O lines:
– 22 programmable interrupt inputs
– 8 high sink outputs
– 6 analog alternate inputs
– 10 to 14 alternate functions
–EMI filtering
s
Programmable watchdog (WDG)
s
One or two 16-bit Timers, each featuring:
– 2 Input Captures
– 2 Output Compares
– External Clock input (on Timer A only)
– PWM and Pulse Generator modes
s
Synchronous Serial Peripheral Interface (SPI)
s
8-bit Analog-to-Digital converter (6 channels)
(ST72212 and ST72213 only)
s
8-bit Data Manipulation
s
63 Basic Instructions
s
17 main Addressing Modes
s
8 x 8 Unsigned Multiply Instruction
s
True Bit Manipulation
s
Complete Development Support on PC/DOS-
WINDOWSTM Real-Time Emulator
s
Full Software Package on DOS/WINDOWSTM
(C-Compiler, Cross-Assembler, Debugger)
Device Summary
SO28
PSDIP32
CSDIP32W
(See ordering information at the end of datasheet)
Features
ST72101G1
ST72101G2
ST72213G1
ST72212G2
Program Memory- bytes
4K
8K
4K
8K
RAM (stack) - bytes
256 (64)
16-bit Timers
one
one
one
two
ADC
no
no
yes
yes
Other Peripherals
Watchdog, SPI
Operating Supply
3 to 5.5 V
CPU Frequency
8MHz max (16MHz oscillator) - 4MHz max over 85°C
Temperature Range
- 40°C to + 125°C
Package
SO28 - SDIP32
1
Rev. 1.8
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - ST72101G1B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72101G1B1 STMICROELECTRONICS-ST72101G1B1 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
More results

Descripción similar - ST72101G1B1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST72101 STMICROELECTRONICS-ST72101 Datasheet
531Kb / 84P
8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
Rev. 1.7
ST7250 STMICROELECTRONICS-ST7250 Datasheet
19Kb / 1P
8-BIT MCU FOR CAN WITH 32K ROM, 1K RAM, EEPROM, ADC, WDG, PWM/BRM, 2 TIMERS, SPI AND SCI INTERFACES
Rev. 1.2
ST72E121 STMICROELECTRONICS-ST72E121 Datasheet
589Kb / 92P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E311 STMICROELECTRONICS-ST72E311 Datasheet
660Kb / 100P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1999
ST72E331 STMICROELECTRONICS-ST72E331 Datasheet
1Mb / 107P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 256 EEPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
31-May-2001
ST72311 STMICROELECTRONICS-ST72311 Datasheet
1Mb / 94P
8-BIT MCU WITH 8 TO 16K ROM/OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
Sep-1998
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
Apr-2005
ST72E311 STMICROELECTRONICS-ST72E311_01 Datasheet
1Mb / 101P
8-BIT MCU WITH 8 TO 16K OTP/EPROM, 384 TO 512 BYTES RAM, ADC, WDG, SCI, SPI AND 2 TIMERS
May-2001
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
logo
Fortune Semiconductor C...
FS98O25 FORTUNE-FS98O25 Datasheet
2Mb / 142P
8-bit MCU with 8k program EPROM, 256-byte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com