Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ST6225BB3/CCC Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza ST6225BB3/CCC
Descripción Electrónicos  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6225BB3/CCC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST6225BB3/CCC Datasheet HTML 4Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 5Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 6Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 7Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 8Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 9Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 10Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 11Page - STMicroelectronics ST6225BB3/CCC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 105 page
background image
ST6215C ST6225C
8/105
Legend / Abbreviations for Table 1:
I = input, O = output, S = supply, IPU = input pull-up
The input with pull-up configuration (reset state) is valid as long as the user software does not change it.
Refer to Section 8 "I/O PORTS" on page 38 for more details on the software configuration of the I/O ports.
14
PB5/Ain
I/O
Pin B5 (IPU)
Analog input
15
PB4/Ain
I/O
Pin B4 (IPU)
Analog input
16
PB3/Ain
I/O
Pin B3 (IPU)
Analog input
17
PB2/Ain
I/O
Pin B2 (IPU)
Analog input
18
PB1/Ain
I/O
Pin B1 (IPU)
Analog input
19
PB0/Ain
I/O
Pin B0 (IPU)
Analog input
20
PA7/Ain
I/O
Pin A7 (IPU)
Analog input
21
PA6/Ain
I/O
Pin A6 (IPU)
Analog input
22
PA5/Ain
I/O
Pin A5 (IPU)
Analog input
23
PA4/Ain
I/O
Pin A4 (IPU)
Analog input
24
PA3/ 20mA Sink
I/O
Pin A3 (IPU)
25
PA2/ 20mA Sink
I/O
Pin A2 (IPU)
26
PA1/ 20mA Sink
I/O
Pin A1 (IPU)
27
PA0/ 20mA Sink
I/O
Pin A0 (IPU)
28
VSS
S
Ground
Pin n°
Pin Name
Main Function
(after Reset)
Alternate Function
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More