Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

B80NF10 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza B80NF10
Descripción Electrónicos  N-channel 100 V, 0.012 廓, 80 A, TO-220, D2PAK low gate charge STripFET??II Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B80NF10 Datasheet(HTML) 5 Page - STMicroelectronics

  B80NF10 Datasheet HTML 1Page - STMicroelectronics B80NF10 Datasheet HTML 2Page - STMicroelectronics B80NF10 Datasheet HTML 3Page - STMicroelectronics B80NF10 Datasheet HTML 4Page - STMicroelectronics B80NF10 Datasheet HTML 5Page - STMicroelectronics B80NF10 Datasheet HTML 6Page - STMicroelectronics B80NF10 Datasheet HTML 7Page - STMicroelectronics B80NF10 Datasheet HTML 8Page - STMicroelectronics B80NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STB80NF10, STP80NF10
Electrical characteristics
Doc ID 6958 Rev 18
5/14
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
Source-drain current
-
80
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
320
A
VSD
(2)
2.
Pulse duration=300µs, duty cycle 1.5%
Forward on voltage
ISD = 80 A, VGS = 0
-
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=80 A, VDD = 50 V
di/dt = 100 A/µs,
Tj=150 °C
-
106
450
8.5
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14