| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M95128-MN3G/P Datasheet(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-MN3G/P Datasheet(HTML) 22 Page - STMicroelectronics |
|
22 / 44 page ![]() Instructions M95128, M95128-W, M95128-R 22/44 Doc ID 5798 Rev 13 Figure 11. Page Write (WRITE) sequence 1. The most significant address bits (b15, b14) are Don’t Care. 5.6.1 ECC (error correction code) and write cycling Most M95128, M95128-W and M95128-R devices offer an ECC (error correction code) logic which compares each 4-byte word with 6 EEPROM bits of ECC (the list of concerned devices is defined in Table 24: Available M95128x products (package, voltage range, temperature grade)). As a result, if a single bit out of 4 bytes of data happens to be erroneous during a read operation, the ECC detects it and replaces it by the correct value. The read reliability is therefore improved by the use of this feature. Note however that even if a single byte has to be written, 4 bytes are internally modified (plus the ECC bits), that is, the addressed byte is cycled together with the three other bytes making up the word. It is therefore recommended to write by packets of 4 bytes in order to benefit from the larger amount of write cycles. The maximum number of write cycles is qualified at 1 Million (1 000 000) write cycles, using a cycling routine that writes to the device by multiples of 4-byte packets. C D AI01796D S 34 33 35 36 37 38 39 40 41 42 44 45 46 47 32 C D S 15 2 1 3456789 10 20 21 22 23 24 25 26 27 14 13 3210 28 29 30 Instruction 16-Bit Address 0 765432 0 1 Data Byte 1 31 43 765432 0 1 Data Byte 2 765432 0 1 Data Byte 3 65432 0 1 Data Byte N |