Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

910GL Datasheet(PDF) 43 Page - Intel Corporation

No. de pieza 910GL
Descripción Electrónicos  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 43 Page - Intel Corporation

Back Button 910GL Datasheet HTML 39Page - Intel Corporation 910GL Datasheet HTML 40Page - Intel Corporation 910GL Datasheet HTML 41Page - Intel Corporation 910GL Datasheet HTML 42Page - Intel Corporation 910GL Datasheet HTML 43Page - Intel Corporation 910GL Datasheet HTML 44Page - Intel Corporation 910GL Datasheet HTML 45Page - Intel Corporation 910GL Datasheet HTML 46Page - Intel Corporation 910GL Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 426 page
background image
Signal Description
R
Datasheet
43
2.7
Clocks, Reset, and Miscellaneous
Signal Name
Type
Description
HCLKP
HCLKN
I
CMOS
Differential Host Clock In: These pins receive a differential host clock
from the external clock synthesizer. This clock is used by all of the
(G)MCH logic that is in the Host clock domain.
GCLKP
GCLKN
I
CMOS
Differential PCI Express Graphics Clock In: These pins receive a
differential 100 MHz serial reference clock from the external clock
synthesizer. This clock is used to generate the clocks necessary for the
support of PCI Express.
DREFCLKN
DREFCLKP
I
CMOS
Display PLL Differential Clock In
RSTIN#
I
HVIN
Reset In: When asserted, this signal will asynchronously reset the
(G)MCH logic. This signal is connected to the PLTRST# output of the
Intel
® ICH6. All PCI Express Graphics Attach output signals will also tri-
state compatible with PCI Express* Specification Rev 1.0a.
This input should have a Schmitt trigger to avoid spurious resets.
This signal is required to be 3.3 V tolerant.
PWROK
I
HVIN
Power OK: When asserted, PWROK is an indication to the (G)MCH that
core power has been stable for at least 10 us.
EXTTS#
I
HVCMOS
External Thermal Sensor Input: This signal may connect to a precision
thermal sensor located on or near the DIMMs. If the system temperature
reaches a dangerously high value, then this signal can be used to trigger
the start of system thermal management. This signal is activated when
an increase in temperature causes a voltage to cross some threshold in
the sensor.
MTYPE
I
CMOS
Memory Type Select Strap. This signal is a strapping option that
indicates the type of system memory. For the 82910GL GMCH, this
signal must be tied to ground.
0 = DDR2
1 = DDR
ICH_SYNC#
O
HVCMOS
ICH Sync: This signal is connected to the MCH_SYNCH# signal on the
ICH6.
2.8
Direct Media Interface (DMI)
Signal Name
Type
Description
DMI_RXP[3:0]
DMI_RXN[3:0]
I/O
DMI
Direct Media Interface: These signals are the receive differential
pair (Rx).
DMI_TXP[3:0]
DMI_TXN[3:0]
O
DMI
Direct Media Interface: These signals are the transmit differential
pair (Tx).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More