| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FS6131 Datasheet(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FS6131 Datasheet(HTML) 4 Page - ON Semiconductor |
|
4 / 44 page ![]() FS6131 Dual- Modulus Prescaler A Counter M Counter f vco Figure 3: Feedback Divider To understand the operation, refer to Error! Reference source not found.. The M-counter (with a modulus of M) is cascaded with the dual-modulus pre-scaler. If the prescaler modulus were fixed at N, the overall modulus of the feedback divider chain would be MXN. However, the A-counter causes the pre-scaler modulus to be altered to N+1 for the first A outputs of the pre-scaler. The A-counter then causes the dual-modulus prescaler to revert to a modulus of N until the M-counter reaches its terminal state and resets the entire divider. The overall modulus can be expressed as ) ( ) 1 ( A M N N A − + + where M ≥ A, which simplifies to A N M + × 4.1.3. Feedback Divider Programming The requirement that M ≥ A means that the feedback divider can only be programmed for certain values below a divider modulus of 56. The selection of divider values is listed in Table 2. If the desired feedback divider is less than 56, find the divider value in the table. Follow the column up to find the A-counter program value. Follow the row to the left to find the M-counter value. Above a modulus of 56, the feedback divider can be programmed to any value up to 16383. See both Table 3 and Table 8 for additional programming information. Table 2: Feedback Modulus Below 56 A-counter: FBKDIV[2:0] M-Counter: FBKDIV[13:3] 000 001 010 011 100 101 110 111 00000000001 8 9 - - - - - - 00000000010 16 17 18 - - - - - 00000000011 24 25 26 27 - - - - 00000000100 32 33 34 35 36 - - - 00000000101 40 41 42 43 44 45 - - 00000000110 48 49 50 51 52 53 54 - 00000000111 56 57 58 59 60 61 62 63 Feedback Divider Modulus Rev. 4 | Page 4 of 44 | www.onsemi.com |