| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STF6NK70Z Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STF6NK70Z Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 16 page ![]() STP6NK70Z - STF6NK70Z - STW6NK70Z Electrical ratings 3/16 1 Electrical ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit TO-220/TO-247 TO-220FP VDS Drain-source voltage (VGS = 0) 700 V VGS Gate-source voltage ± 30 V ID Drain current (continuous) at TC = 25°C 5 5 (2) A ID Drain current (continuous) at TC=100°C 3.15 3.15 (2) A IDM (1) 1. Pulse width limited by safe operation area Drain current (pulsed) 20 20 (2) 2. Limited only by maximum temperature allowed A PTOT Total dissipation at TC = 25°C 110 30 W Derating factor 0.87 0.24 W/°C VESD (G-S) Gate source ESD (HBM-C=100pF, R=1.5K Ω) 4000 V dv/dt(3) 3. ISD ≤5 A, di/dt ≤100A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX Peak diode recovery voltage slope 4.5 V/ns VISO Insulation withstand voltage (RMS) from all three leads to external heat sink (t=1s; Tc= 25°C) - 2500 V TJ Tstg Operating junction temperature Storage temperature -55 to 150 °C Table 2. Thermal data Symbol Parameter Value Unit TO-220/TO-247 TO-220FP Rthj-case Thermal resistance junction-case max 1.14 4.2 °C/W Rthj-a Thermal resistance junction-ambient max 62.5 °C/W Tl Maximum lead temperature for soldering purpose 300 °C |