| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM6718 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM6718 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 30 page ![]() STM6717/6718/6719/6720/STM6777/6778/6779/6780 Package mechanical data Doc ID 11469 Rev 7 25/30 Figure 30. Carrier tape for SOT23-5L and SOT23-6L Note: Part pin 1 indicator is on bottom left for shipping method “F” and is on top right for shipping method “R” see Section 7. T K0 P1 A0 B0 P2 P0 CENTER LINES OF CAVITY W E F D TOP COVER TAPE USER DIRECTION OF FEED AM03073v1 Table 10. Carrier tape dimensions for SOT23-5L and SOT23-6L Package W D E P0 P2 FA0 B0 K0 P1 TUnit Bulk Qty SOT23-5 SOT23-6 8.00 +0.30/ –0.10 1.50 +0.10/ –0.00 1.75 ±0.10 4.00 ±0.10 2.00 ±0.10 3.50 ±0.05 3.23 ±0.10 3.17 ±0.10 1.37 ±0.10 4.00 ±0.10 0.254 ±0.013 mm 3000 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |